Electronic Components Datasheet Search
  English  ▼

X  

MMDT2227 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMDT2227
Description  NPN/PNP Small Signal Surface Mount Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMDT2227 Datasheet(HTML) 2 Page - Micro Commercial Components

  MMDT2227 Datasheet HTML 1Page - Micro Commercial Components MMDT2227 Datasheet HTML 2Page - Micro Commercial Components MMDT2227 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN 2222A Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=
mAdc, IB=0)
40
---
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=10uAdc, IE=0)
75
---
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=10uAdc, IC=0)
6
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=60Vdc,IE=0)
---
---
10
nAdc
ICEX
Collector Cutoff Current
(VCE=60Vdc,IB=0)
---
---
10
nAdc
IEBO
Emitter Cutoff Current
(VEB=3Vdc,IC=0)
---
---
10
nAdc
hFE
DC Current Gain
(IC=0.1mAdc, VCE=10Vdc)
(IC=1mAdc, VCE=10Vdc)
(IC=10mAdc, VCE=10Vdc)
(IC=
50mAdc, VCE=10Vdc)
(IC=
00mAdc, VCE=10Vdc)
(IC=150mAdc, VCE=1Vdc)
35
50
75
100
40
35
---
---
---
---
---
---
---
---
300
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=150mAdc, IB=15mAdc)
(IC=500mAdc, IB=50mAdc)
---
---
---
---
0.3
1.0
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=150mAdc, IB=15mAdc)
(IC=500mAdc, IB=50mAdc)
0.6
---
---
---
1.20
2.0
Vdc
fT
Current Gain-Bandwidth Product
(VCE=20Vdc, IC=20mAdc, f=100MHz)
300
---
---
MHz
Cob
Output Capacitance
(VCB=10Vdc, f=1.0MHz, IE=0)
---
---
8.0
pF
NF
Noise Figure
(VCE=10V,IC=0.1mA, f=1KHz, RS=1k
¡)
---
---
4.0
dB
PNP 2907A Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=-10mAdc, IB=0)
-60
---
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-10uAdc, IE=0)
-60
---
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=-10uAdc, IC=0)
-5
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=-50Vdc,IE=0)
---
---
-10
nAdc
ICEX
Collector Cutoff Current
(VEB=--30Vdc,IC=0)
---
---
-50
nAdc
hFE
DC Current Gain
(IC=-0.1mAdc, VCE=-10Vdc)
(IC=-1mAdc, VCE=-10Vdc)
(IC=-10mAdc, VCE=-10Vdc)
(IC=-150mAdc, VCE=-10Vdc)
(IC=-500mAdc, VCE=-10Vdc)
75
100
100
100
50
---
---
---
---
---
---
---
---
300
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-150mAdc, IB=-15mAdc)
(IC=-500mAdc, IB=-50mAdc)
---
---
---
---
-0.4
-1.6
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=-150mAdc, IB=-15mAdc)
(IC=-500mAdc, IB=-50mAdc)
---
---
---
---
-1.3
-2.6
Vdc
fT
Current Gain-Bandwidth Product
(VCE=-20Vdc, IC=-50mAdc, f=100MHz)
200
---
---
MHz
Cob
Output Capacitance
(VCB=-5Vdc, f=1.0MHz, IE=0)
---
---
8
pF
MCC
TM
Micro Commercial Components
Revision: A
2011/01/01
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com