Electronic Components Datasheet Search
  English  ▼

X  

MMDT3946 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMDT3946
Description  NPN/PNP Small Signal Surface Mount Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMDT3946 Datasheet(HTML) 2 Page - Micro Commercial Components

  MMDT3946 Datasheet HTML 1Page - Micro Commercial Components MMDT3946 Datasheet HTML 2Page - Micro Commercial Components MMDT3946 Datasheet HTML 3Page - Micro Commercial Components MMDT3946 Datasheet HTML 4Page - Micro Commercial Components MMDT3946 Datasheet HTML 5Page - Micro Commercial Components MMDT3946 Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NPN 3904 Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1mAdc, IB=0)
40
---
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=10uAdc, IE=0)
60
---
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=10uAdc, IC=0)
5
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=30Vdc,IE=0)
---
---
50
nAdc
ICEO
Collector Cutoff Current
(VCE=30Vdc,IB=0)
---
---
500
nAdc
IEBO
Emitter Cutoff Current
(VEB=5Vdc,IC=0)
---
---
50
nAdc
hFE
DC Current Gain
(IC=0.1mAdc, VCE=1Vdc)
(IC=1mAdc, VCE=1Vdc)
(IC=10mAdc, VCE=1Vdc)
(IC=50mAdc, VCE=1Vdc)
(IC=100mAdc, VCE=1Vdc)
40
70
100
60
30
---
---
---
---
---
---
---
300
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=10mAdc, IB=1mAdc)
(IC=50mAdc, IB=5mAdc)
---
---
---
---
0.2
0.3
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=10mAdc, IB=1mAdc)
(IC=50mAdc, IB=5mAdc)
0.65
---
---
---
0.85
0.95
Vdc
fT
Current Gain-Bandwidth Product
(VCE=20Vdc, IC=20mAdc, f=100MHz)
300
---
---
MHz
Cob
Output Capacitance
(VCB=5Vdc, f=1.0MHz, IE=0)
---
---
4
pF
NF
Noise Figure
(VCE=5V,IC=0.1mA, f=1KHz, RS=1k
¡)
---
---
5
dB
td
Delay Time
---
---
35
ns
tr
Rise Time
VCC=3V, IC=10mA, VBE=0.5V,
IB1=1mA
---
---
35
ns
tS
Storage Time
---
---
200
ns
tf
Fall Time
VCC=3V, IC=10mA, IB1=IB2=1mA
---
---
50
ns
Revision:
A
20
11/01/01
MCC
MMDT3946
TM
Micro Commercial Components
www.mccsemi.com
2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com