Electronic Components Datasheet Search
  English  ▼

X  

MMS9012-H Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMS9012-H
Description  PNP Silicon Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMS9012-H Datasheet(HTML) 1 Page - Micro Commercial Components

  MMS9012-H Datasheet HTML 1Page - Micro Commercial Components MMS9012-H Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMS9012
-L
Features
•
SOT-23 Plastic-Encapsulate Transistors
•
Capable of 0.3Watts(Tamb=25
OC) of Power Dissipation.
•
Collector-current 0.5A
•
Collector-base Voltage 40V
•
Operating and storage junction temperature range: -55
OC to +150OC
•
Marking : 2T1
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
40
---
Vdc
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=0.1mAdc, IB=0)
25
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100uAdc, IC=0)
5.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=40Vdc, IE=0)
---
0.1
uAdc
ICEO
Collector Cutoff Current
(VCE=20Vdc, IB=0)
---
0.1
uAdc
IEBO
Emitter Cutoff Current
(VEB=5.0Vdc, IC=0)
---
0.1
uAdc
ON CHARACTERISTICS
hFE(1)
DC Current Gain
(IC=50mAdc, VCE=1.0Vdc)
120
350
---
hFE(2)
DC Current Gain
(IC=500mAdc, VCE=1.0Vdc)
40
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=500mAdc, IB=50mAdc)
---
0.6
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=500mAdc, IB=50mAdc)
---
1.2
Vdc
VEB
Base- Emitter Voltage
(IE=100mAdc)
---
1.4
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Transistor Frequency
(IC=20mAdc, VCE=6.0Vdc, f=30MHz)
150
---
MHz
CLASSIFICATION OF HFE (1)
Rank
L
Range
120-200
PNP Silicon
Plastic-Encapsulate
Transistor
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
F
Revision: A
2011/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
E
B
C
H
200-350
www.mccsemi.com
1 of 2
MMS9012
-H
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - MMS9012-H

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMS9012-H MCC-MMS9012-H Datasheet
161Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
More results

Similar Description - MMS9012-H

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1015-O MCC-2SA1015-O Datasheet
84Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SA1015-O MCC-2SA1015-O_11 Datasheet
390Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
2SA1162-O MCC-2SA1162-O Datasheet
199Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SB772-R MCC-2SB772-R Datasheet
298Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
BD772-R MCC-BD772-R Datasheet
383Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
BF421 MCC-BF421 Datasheet
224Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMSS8550-L MCC-MMSS8550-L_13 Datasheet
164Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
2SA733-R MCC-2SA733-R_16 Datasheet
411Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9012-L MCC-MMS9012-L_13 Datasheet
161Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
MMS9015-L MCC-MMS9015-L_13 Datasheet
344Kb / 2P
PNP Silicon Plastic-Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com