Electronic Components Datasheet Search
  English  ▼

X  

LPC1768 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LPC1768
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1768 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LPC1768 Datasheet HTML 32Page - NXP Semiconductors LPC1768 Datasheet HTML 33Page - NXP Semiconductors LPC1768 Datasheet HTML 34Page - NXP Semiconductors LPC1768 Datasheet HTML 35Page - NXP Semiconductors LPC1768 Datasheet HTML 36Page - NXP Semiconductors LPC1768 Datasheet HTML 37Page - NXP Semiconductors LPC1768 Datasheet HTML 38Page - NXP Semiconductors LPC1768 Datasheet HTML 39Page - NXP Semiconductors LPC1768 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
LPC1768_67_66_65_64_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 19 November 2009
36 of 65
NXP Semiconductors
LPC1768/67/66/65/64
32-bit ARM Cortex-M3 microcontroller
7.30 System control
7.30.1 Reset
Reset has four sources on the LPC17xx: the RESET pin, the Watchdog reset, power-on
reset (POR), and the BrownOut Detection (BOD) circuit. The RESET pin is a Schmitt
trigger input pin. Assertion of chip Reset by any source, once the operating voltage attains
a usable level, starts the Wake-up timer (see description in Section 7.29.5), causing reset
to remain asserted until the external Reset is de-asserted, the oscillator is running, a fixed
number of clocks have passed, and the flash controller has completed its initialization.
When the internal Reset is removed, the processor begins executing at address 0, which
is initially the Reset vector mapped from the Boot Block. At that point, all of the processor
and peripheral registers have been initialized to predetermined values.
Fig 5.
Power distribution
REAL-TIME CLOCK
BACKUP REGISTERS
3.3 V REGULATOR
32 kHz
OSCILLATOR
POWER
SELECTOR
ULTRA-LOW
POWER
REGULATOR
RTC POWER DOMAIN
MAIN POWER DOMAIN
002aad978
RTCX1
VBAT
VDD(REG)(3V3)
RTCX2
VDD(3V3)
VSS
to memories,
peripherals,
oscillators,
PLLs
to core
to I/O pads
ADC
DAC
ADC POWER DOMAIN
VDDA
VREFP
VREFN
VSSA
LPC17xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com