Electronic Components Datasheet Search
  English  ▼

X  

R2500F Datasheet(PDF) 1 Page - Micro Commercial Components

Part # R2500F
Description  200 Milliamp High Voltage Fast Recovery Silicon Rectifier 2500 to 3000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

R2500F Datasheet(HTML) 1 Page - Micro Commercial Components

  R2500F Datasheet HTML 1Page - Micro Commercial Components R2500F Datasheet HTML 2Page - Micro Commercial Components R2500F Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R2500F
THRU
R3000F
200 Milliamp High
Voltage Fast Recovery
Silicon Rectifier
2500 to 3000 Volts
Features
•
High Voltage
•
Low Leakage
•
Fast Switching For Higher Efficiency
•
High Current Capability
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.026
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
R2500F
R2500F
2500V
1750V
2500V
R3000F
R3000F
3000V
2100V
3000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
200mA
TA = 50
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
50
µA
TA = 25
°C
TA = 100
°C
Typical Junction
Capacitance
CJ
30pF
Measured at
1.0MHz, VR=4.0V
Maximum Reverse
Recovery Time
Trr
500nS
DO-15
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
Maximum
Instantaneous
Forward Voltage
R2500F
R3000F
VF
4.0V
5.0V
IFM = 0.5A;
TA = 50
°C
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - R2500F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R2500F RECTRON-R2500F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Bytes
R2500F BYTES-R2500F Datasheet
154Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Dc Components
R2500F DCCOM-R2500F Datasheet
410Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Formosa MS
R2500F FORMOSA-R2500F Datasheet
34Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
List of Unclassifed Man...
R2500F ETC-R2500F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
More results

Similar Description - R2500F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
R1200F MCC-R1200F Datasheet
72Kb / 2P
500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
RS3000 MCC-RS3000 Datasheet
70Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 Volts
RS3000 MCC-RS3000_11 Datasheet
219Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 Volts
R1200F MCC-R1200F_11 Datasheet
219Kb / 3P
500 Milliamp High Voltage Fast Recovery Silicon Rectifier 1200 to 2000 Volts
R2500 MCC-R2500 Datasheet
214Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 2500 to 3000 Volts
R3000F-TP MCC-R3000F-TP Datasheet
229Kb / 3P
200 Milliamp High Voltage Fast Recovery
R3000-TP MCC-R3000-TP Datasheet
240Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 2500 to 3000 Volts
R2500F MCC-R2500F_13 Datasheet
174Kb / 3P
200 Milliamp High Voltage Fast Recovery Silicon Rectifier 2500 to 3000 Volts
R3000GP MCC-R3000GP Datasheet
378Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 to 6000 Volts
R4000GPS MCC-R4000GPS Datasheet
546Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 4000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com