Electronic Components Datasheet Search
  English  ▼

X  

RA251GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RA251GP
Description  25.0 Amp Glass passivated Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RA251GP Datasheet(HTML) 1 Page - Micro Commercial Components

  RA251GP_08 Datasheet HTML 1Page - Micro Commercial Components RA251GP_08 Datasheet HTML 2Page - Micro Commercial Components RA251GP_08 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RA
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.380
.410
9.70 10.40
B
.165
.185
4.19
4.70
C
.215
.225
5.50
5.70
D
.235
.250
6.00
6.40
E
-----
5
o
-----
5
o
NOM
Plastic Material Used Carriers Underwrites Laboratory
Flammability Classification 94V-0 and MSL Rating 1
Low Cost Construction Utilizing Void-free Molded Plastic
Technique
High Surge Capability
Diffused Junction, Glass Passivated Chip
RA252GP
100V
70V
100V
RA253GP
200V
140V
200V
RA254GP
400V
280V
400V
RA255GP
600V
420V
600V
RA256GP
800V
560V
800V
RA257GP
1000V
700V
1000V
MCC Part
Number
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS Voltage
Maximum
DC
Blocking
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward
Current
IF(AV)
25.0A
TC=125
o C
Peak Forward Surge
Current
IFSM
400A
8.3ms half
sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM=25.0A
TA=25
oC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
TC=25
o C
Typical Reverse
Recovery Times
trr
3.0us
IF=0.5A,
IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
C j
300pF
Measured at
1.0MHz,
V R=4.0V
RA251GP
THRU
RA257GP
25.0 Amp
Glass passivated
Rectifier
50 to 1000 Volts
A
B
C
D
E
www.mccsemi.com
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision: 6
2008/06/24
TM
Micro Commercial Components
RA251GP
50V
35V
50V
Maximum Ratings
Operating & Storage Temperature: -50
oC to +150oC
For Capacitive Load, Derate Current by 20%
Lead Free Finish/RoHS Compliant (Note 1) ("P"Suffix designates
Compliant. See ordering information)
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
Features
1 of 3


Similar Part No. - RA251GP_08

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RA251GP MCC-RA251GP Datasheet
121Kb / 2P
25.0 Amp Glass passivated Rectifier 50 to 1000 Volts
More results

Similar Description - RA251GP_08

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4001 MCC-DL4001 Datasheet
79Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP Datasheet
80Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
RL201GP MCC-RL201GP Datasheet
83Kb / 3P
2 Amp Glass Passivated Rectifier 50 to 1000 Volts
RA251GP MCC-RA251GP Datasheet
121Kb / 2P
25.0 Amp Glass passivated Rectifier 50 to 1000 Volts
DL4001 MCC-DL4001_11 Datasheet
240Kb / 3P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS2A-L MCC-GS2A-L Datasheet
236Kb / 3P
2.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
S3AB MCC-S3AB Datasheet
698Kb / 3P
3.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
FR101GP MCC-FR101GP_13 Datasheet
493Kb / 4P
1 Amp Glass Passivated Rectifier 50 to 1000 Volts
10A01GP MCC-10A01GP Datasheet
472Kb / 3P
10 Amp Rectifier 50 to 1000 Volts Glass Passivated
GS2AFL MCC-GS2AFL Datasheet
991Kb / 3P
2.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com