Electronic Components Datasheet Search
  English  ▼

X  

LZ2513 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LZ2513
Description  1/5-type Color CCD Area Sensor with 270 k Pixels
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ2513 Datasheet(HTML) 2 Page - Sharp Corporation

  LZ2513 Datasheet HTML 1Page - Sharp Corporation LZ2513 Datasheet HTML 2Page - Sharp Corporation LZ2513 Datasheet HTML 3Page - Sharp Corporation LZ2513 Datasheet HTML 4Page - Sharp Corporation LZ2513 Datasheet HTML 5Page - Sharp Corporation LZ2513 Datasheet HTML 6Page - Sharp Corporation LZ2513 Datasheet HTML 7Page - Sharp Corporation LZ2513 Datasheet HTML 8Page - Sharp Corporation LZ2513 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LZ2513
2
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
(TA = +25 ˚C)
SYMBOL
PIN NAME
OD
Output transistor drain
OS
Output signals
ØRS
Reset transistor clock
ØV1, ØV2, ØV3, ØV4
Vertical shift register clock
ØH1, ØH2
Horizontal shift register clock
PW
P-well
GND
Ground
NC1, NC2
No connection
PARAMETER
SYMBOL
RATING
UNIT
Output transistor drain voltage
VOD
0 to +18
V
Reset gate clock voltage
VØRS
Internal output
V
Vertical shift register clock voltage
VØV
–11.5 to +17.5
V
Horizontal shift register clock voltage
VØH
–0.3 to +12
V
Voltage difference between P-well and vertical clock
VPW-VØV
–29 to 0
V
Storage temperature
TSTG
–40 to +85
˚C
Ambient operating temperature
TOPR
–20 to +70
˚C
2
NOTE
NOTES :
1. Do not connect to DC voltage directly. When OFD is connected to GND, connect VOD to GND. Overflow drain clock is
applied below 27 Vp-p.
2. Do not connect to DC voltage directly. When ØRS is connected to GND, connect VOD to GND. Reset gate clock is
applied below 8 Vp-p.
3. When clock width is below 10 µs, and clock duty factor is below 0.1%, voltage difference between vertical clocks will be
below 28 V.
Overflow drain
OFD
1
V
Internal output
VOFD
Overflow drain voltage
3
V
0 to +15
VØV-VØV
Voltage difference between vertical clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com