Electronic Components Datasheet Search
  English  ▼

X  

ASRD808 Datasheet(PDF) 2 Page - Advanced Semiconductor

Part # ASRD808
Description  SURFACE MOUNT STEP RECOVERY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASRD808 Datasheet(HTML) 2 Page - Advanced Semiconductor

  ASRD808 Datasheet HTML 1Page - Advanced Semiconductor ASRD808 Datasheet HTML 2Page - Advanced Semiconductor ASRD808 Datasheet HTML 3Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ASRD 800 SERIES
SURFACE MOUNT STEP RECOVERY DIODE
DYNAMIC ELECTRICAL CHARACTERISTICS T
C = 25
OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
ττττ
IF = 10 mA
IR = 6 mA
ASRD 803
8
10
nS
ASRD 806
10
12
ASRD 808
25
30
ASRD 814
45
60
ASRD 820
55
70
ASRD 830
80
100
Tt
VR = 7 V
IF = 3 mA
ASRD 803
70
85
pS
ASRD 806
85
100
ASRD 808
90
110
ASRD 814
110
135
ASRD 820
200
250
ASRD 830
250
300
ORDERING INFORMATION:
ASRD 8XXX-XX
TR = TAPE & REELED (OPTIONAL)
D = SOD 323
T = SOT 23
03
06
08
14
20
30
7525 Ethel Avenue • North Hollywood, California 91605 • U.S.A.
Tel: (818) 982-1200 • (800) 423-2354 • Fax: (818) 765-3004
email: sales@adsemi.com • web: www.adsemi.com
ADVANCED SEMICONDUCTOR, INC.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com