Electronic Components Datasheet Search
  English  ▼

X  

RA351 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # RA351
Description  35Amp Standard Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

RA351 Datasheet(HTML) 1 Page - Micro Commercial Components

  RA351 Datasheet HTML 1Page - Micro Commercial Components RA351 Datasheet HTML 2Page - Micro Commercial Components RA351 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RA351
THRU
RA357
Rectifier
RA
Features
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
RA351
---
50V
35V
50V
RA352
---
100V
70V
100V
RA353
---
200V
140V
200V
RA354
---
400V
280V
400V
RA355
---
600V
420V
600V
RA356
---
800V
560V
800V
RA357
---
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
35A
Tc = 125°C
Peak Forward Surge
Current
IFSM
500A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 35A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
150
µA
TJ = 25
°C
TJ =
100 °C
Typical Junction
Capacitance
CJ
100pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
www.mccsemi.com
A
B
C
D
E
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.380
.410
9.70
10.40
B
.165
.185
4.20
4.70
C
.215
.220
5.50
5.70
•
Low Leakage and Low cost
•
Low Forward Voltage Drop
•
High Current Capability
•
For Automotive Applications
E
----
5'
---
5'
D
.234
.250
6.00
6.40
50 to 1000 Volts
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision: 5
2008/06/24
TM
Micro Commercial Components
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
1 of 3
1 of 3
35Amp Standard
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)


Similar Part No. - RA351

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RA351 GOOD-ARK-RA351 Datasheet
47Kb / 2P
AUTOMOTIVE RECTIFIER
logo
Micro Commercial Compon...
RA351 MCC-RA351 Datasheet
92Kb / 2P
35Amp Recover Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
RA351 DIOTEC-RA351 Datasheet
162Kb / 2P
Silicon-Rectifiers - Button Diodes
logo
SHENZHEN YONGERJIA INDU...
RA351 WINNERJOIN-RA351 Datasheet
149Kb / 2P
AUTOMOTIVE RECTIFIER
logo
Diotec Semiconductor
RA351 DIOTEC-RA351 Datasheet
233Kb / 2P
Silicon-Rectifiers ??Button Diodes
More results

Similar Description - RA351

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PF351 MCC-PF351 Datasheet
89Kb / 2P
35Amp Fast Recover Rectifier 50 to 1000 Volts
PF501L MCC-PF501L Datasheet
96Kb / 2P
50Amp Standard Recovery Rectifier 50 to 1000 Volts
RA351 MCC-RA351 Datasheet
92Kb / 2P
35Amp Recover Rectifier 50 to 1000 Volts
RA351GP MCC-RA351GP Datasheet
114Kb / 2P
35Amp Glass Passivated Rectifier 50 to 1000 Volts
RA251 MCC-RA251_08 Datasheet
109Kb / 3P
25 Amp Standard Rectifier 50 to 1000 Volts
RA351GP MCC-RA351GP_08 Datasheet
103Kb / 3P
35Amp Glass Passivated Rectifier 50 to 1000 Volts
SRA251 MCC-SRA251_11 Datasheet
202Kb / 3P
25Amp Standard Rectifier 50 to 1000 Volts
SRA351GP MCC-SRA351GP Datasheet
203Kb / 3P
35Amp Glass Passivated Rectifier 50 to 1000 Volts
SRA501 MCC-SRA501_11 Datasheet
203Kb / 3P
50Amp Standard Rectifier 50 to 1000 Volts
SRA351 MCC-SRA351 Datasheet
203Kb / 3P
35Amp Standard Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com