Electronic Components Datasheet Search
  English  ▼

X  

SB220 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SB220
Description  2 Amp Schottky Rectifier 20V-60V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SB220 Datasheet(HTML) 1 Page - Micro Commercial Components

  SB220 Datasheet HTML 1Page - Micro Commercial Components SB220 Datasheet HTML 2Page - Micro Commercial Components SB220 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB220
Thru
SB260
2 Amp Schottky
Rectifier
20V-60V
Features
Schottky Barrier Rectifier
Guard Ring Protection
High Surge Current Capability
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
Maximum Ratings
Operating Temperature: -65
to +150
Storage Temperature: -65
to +150
Maximum Thermal Resistance: 15K/W Junction To Lead
50K/W Junction to Ambient*
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
SB220
20V
14V
20V
SB230
30V
21V
30V
SB240
40V
28V
40V
SB250
50V
35V
50V
SB260
60V
42V
60V
Electrical Characteristics @ 25 C Unless Otherwise Specified
Average Rectified
Output current*
IO
2A
TL = 100
Maximum surge
current
IFSM
50A
8.3ms, half sine
Max peak forward
voltage
SB220-SB240
SB250-SB260
VFM
.50V
.70V
IFM = 2.0A
Max peak reverse
current
IRM
0.5mA
10mA
TA = 25
TA = 100
Typical junction
capacitance
SB220-SB240
SB250-SB260
CJ
170pF
140pF
VR = 4.0V,
f=1.0MHz
*Valid provided that leads are kept at ambient temperature at a
distance of 9l5mm from the case
Revision:
A
20
11/01/01
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
DO-15
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.026
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - SB220

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB220 PANJIT-SB220 Datasheet
41Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Transys Electronics
SB220 TRSYS-SB220 Datasheet
157Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB220 WTE-SB220 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB220 ZOWIE-SB220 Datasheet
45Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SB220 EIC-SB220 Datasheet
29Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
More results

Similar Description - SB220

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CJQ060 IRF-20CJQ060 Datasheet
177Kb / 4P
SCHOTTKY RECTIFIER, 2 Amp
21DQ04 IRF-21DQ04 Datasheet
39Kb / 5P
SCHOTTKY RECTIFIER(2 Amp)
logo
Microsemi Corporation
CH054S MICROSEMI-CH054S Datasheet
66Kb / 1P
2 AMP SCHOTTKY RECTIFIER DIE
logo
SeCoS Halbleitertechnol...
SCD12 SECOS-SCD12 Datasheet
320Kb / 2P
VOLTAGE 20V ~ 60V 1.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD22 SECOS-SCD22 Datasheet
267Kb / 2P
VOLTAGE 20V ~ 60V 2.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD32 SECOS-SCD32 Datasheet
268Kb / 2P
VOLTAGE 20V ~ 60V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
SM520B SECOS-SM520B_12 Datasheet
403Kb / 2P
Voltage 20V ~ 60V 5.0 Amp Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
MBRD1020CT MCC-MBRD1020CT Datasheet
168Kb / 3P
10 Amp Schottky Rectifier 20V-100V
MBRD1220CT MCC-MBRD1220CT Datasheet
130Kb / 2P
12 Amp Schottky Rectifier 20V-45V
SB220L MCC-SB220L Datasheet
384Kb / 3P
2 Amp Schottky Rectifier 20V-100V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com