Electronic Components Datasheet Search
  English  ▼

X  

SB280 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SB280
Description  2 Amp Schottky Barrier Rectifier 80 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SB280 Datasheet(HTML) 1 Page - Micro Commercial Components

  SB280 Datasheet HTML 1Page - Micro Commercial Components SB280 Datasheet HTML 2Page - Micro Commercial Components SB280 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2 Amp Schottky
Barrier Rectifier
DO-15
Features
•
Schottky Barrier Rectifier
•
Guard Ring Protection
•
Low Forward Voltage
•
High Current Capability
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
Maximum Ratings
•
Operating Temperature: -50
°C to +125°C
•
Storage Temperature: -50
°C to +125°C
•
Maximum Thermal Resistance: 35
°C/W Junction To Ambient
MCC
catalog
Number
Device
Marking
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SB280
SB280
80V
56V
80V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average forward
current
IF(AV)
2A
Square wave
Maximum surge
current
IFSM
50A
8.3ms, half sine,
Max peak forward
VFM
IFM = 2.0A; TJ =
25
°C*
Max peak reverse
current
IRM
0.5
mA
VRRM, TJ = 25
°C
Typical junction
capacitance
CJ
170pF
VR = 4.0V
f = 1.0MHz
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
D
Cathode
Mark
voltage
.85V
          
Maximum
Voltage
Reverse
Reccurrent
Peak
SB2010
SB2010
100V
70V
100V
SB280
THRU
SB2010
80 to 100 Volts
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.026
.034
.70
.90
D
1.000
---
25.40
---
www.mccsemi.com
1 of 3
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - SB280

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB280 PANJIT-SB280 Datasheet
41Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Transys Electronics
SB280 TRSYS-SB280 Datasheet
157Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Zowie Technology Corpor...
SB280 ZOWIE-SB280 Datasheet
45Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SB280 EIC-SB280 Datasheet
29Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
GOOD-ARK Electronics
SB280 GOOD-ARK-SB280 Datasheet
180Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB280

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST8060 MCC-FST8060 Datasheet
85Kb / 3P
80 Amp Rectifier 60 to 100 Volts Schottky Barrier
FST8120SM MCC-FST8120SM Datasheet
674Kb / 3P
80 Amp Rectifier 20 to 100 Volts Schottky Barrier
FST8360SL MCC-FST8360SL Datasheet
664Kb / 3P
80 Amp Rectifier 60 to 100 Volts Schottky Barrier
FST8460SL MCC-FST8460SL Datasheet
667Kb / 3P
80 Amp Rectifier 60 to 100 Volts Schottky Barrier
SR208 MCC-SR208 Datasheet
360Kb / 2P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
logo
Solid States Devices, I...
SPD0802 SSDI-SPD0802 Datasheet
30Kb / 2P
2 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
SR208 MCC-SR208_08 Datasheet
139Kb / 3P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SR2010-TP MCC-SR2010-TP Datasheet
249Kb / 3P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SB280 MCC-SB280_13 Datasheet
219Kb / 3P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SR208 MCC-SR208_13 Datasheet
249Kb / 3P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com