Electronic Components Datasheet Search
  English  ▼

X  

SB1230 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SB1230
Description  12 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SB1230 Datasheet(HTML) 1 Page - Micro Commercial Components

  SB1230 Datasheet HTML 1Page - Micro Commercial Components SB1230 Datasheet HTML 2Page - Micro Commercial Components SB1230 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB1220
THRU
SB12100
12 Amp Schottky
Barrier Rectifier
20 to 100 Volts
DO-201AD
Features
•
Low Forward Voltage Drop
•
High Current Capability and High Surge Current Capability
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
Maximum Ratings
MCC
Part Number
Maximum
Recurrent Peak
Reverse Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
SB1220
20V
14V
20V
SB1230
30V
21V
30V
SB1240
40V
28V
40V
SB1250
50V
35V
50V
SB1260
60V
42V
60V
SB1280
80V
56V
80V
SB12100
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
12.0A
TA = 90
°C
Peak Forward Surge
Current
IFSM
250A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
IFM = 12.0A;
TA = 25
°C(Note 2)
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
50mA
TA = 25
°C
TA = 100
°C
Typical Junction
Capacitance
CJ
A
B
C
D
D
Cathode
Mark
www.mccsemi.com
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
A
.287
.374
7.30
9.50
B
.189
.208
4.80
5.30
1 of 3
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Operating Temperature SB1220~SB1240: -65
°C to +125°C
SB1250~SB12100: -65
°C to +150°C
•
Storage Temperature: -65
°C to +150°C
SB1220~SB1240
SB1250~SB1260
SB1280~SB12100
.70V
.55V
.85V
DIMENSIONS
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
SB1220~SB1240
SB1250~SB12100
Measured at
1.0MHz, VR=4.0V
500pF
380pF
Typical Thermal
Resistance
15 C/W
O
RthJA
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - SB1230

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SB1230 DIOTEC-SB1230 Datasheet
106Kb / 2P
Bypass Diodes for Solar Modules - Schottky Barrier Rectifiers
SB1230 DIOTEC-SB1230 Datasheet
98Kb / 2P
Schottky Barrier Rectifiers
logo
Semikron International
SB1230 SEMIKRON-SB1230 Datasheet
378Kb / 2P
Schottky barrier rectifiers diodes
logo
Micro Commercial Compon...
SB1230 MCC-SB1230 Datasheet
311Kb / 3P
12 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diotec Semiconductor
SB1230 DIOTEC-SB1230 Datasheet
158Kb / 2P
Schottky Barrier Rectifier Diodes
More results

Similar Description - SB1230

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2020CT MCC-MBRB2020CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_13 Datasheet
279Kb / 3P
20 Amp 20 to 100 Volts Barrier Rectifier Schottky
SB1220 MCC-SB1220_13 Datasheet
311Kb / 3P
12 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com