Electronic Components Datasheet Search
  English  ▼

X  

SB1540 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SB1540
Description  15 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SB1540 Datasheet(HTML) 2 Page - Micro Commercial Components

  SB1540 Datasheet HTML 1Page - Micro Commercial Components SB1540 Datasheet HTML 2Page - Micro Commercial Components SB1540 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB1520~SB15100
MCC
www.mccsemi.com
Revision: A
2011/01/01
TM
Micro Commercial Components
2 of 3
FIG.1-TYPICAL FORWARD CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERANTING CURVE
50
5
10
15.0
3.0
1.0
-0.1A
9.0
5.0
1
0.1
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE, C
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
FORWARD VOLTAGE,V
FIG.3-MAXIMUM NON-REPETIEIVE FORWARD
SURGE CURRENT
400
320
240
160
80
0
FIG.4-TYPICAL REVERSE CHARACTERISTICS
1
5
10
50
100
NUMBER OF CYCLES TA 60Hz
100
FIG.5-TYPICAL JUNCTION CAPACITANCE
10
1400
1200
1.0
1000
800
600
.1
100
400
NUMBER OF CYCLES AT 60Hz
200
.01
0
0
20
40
60
80
100
120
140
.01
.05
.1
.5
1
5
10
50
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
REVERSE VOLTAGE, V
Tj=25
.
C
Pulse Width 300us
1% Duty Cycle
Tj=25
.
C
Tj=75
.
C
Tj=25
.
C
8.3msSingle Half
Sine Wave
JEDEC method
SB1520-40
SB1550-60
SB1520-40
SB1550-15100
SB1520-40
SB1550-100
SB1580-100
°
13.0
19.0
21.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com