Electronic Components Datasheet Search
  English  ▼

X  

SD101A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SD101A
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SD101A Datasheet(HTML) 2 Page - Micro Commercial Components

  SD101A Datasheet HTML 1Page - Micro Commercial Components SD101A Datasheet HTML 2Page - Micro Commercial Components SD101A Datasheet HTML 3Page - Micro Commercial Components SD101A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
l
Low Reverse Recovery Time
l
Low Reverse Capacitance
l
Low Forward Voltage Drop
l
Guard Ring Construction for Transient Protection
Mechanical Data
l
Case: DO-35, Glass
l
Terminals: Solderable per MIL-STD-202, Method 208
l
Polarity: Indicated by Cathode Band
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic
Symbol
SD101A
SD101B
SD101C
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
60V
50V
40V
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
42V
35V
28V
Maximum sigle cycle surge 10us
square wave
IFSM
Power Dissipation(Note 2)
Pd
Thermal Resistance, Junction to
Ambient
R
Junction Tmperature
Tj
Operation/Storage Temp. Range
TSTG
-55 to +150
o
C
300K/W
400mW
2.0A
125
o
C
Electrical Characteristics @ 25oC Unless Otherwise Specified
Parameter
Symbol
Max
Test Condition
Leakage Current
SD101A
SD101B
SD101C
IR
200nA
200nA
200nA
VR=50V
VR=40V
VR=30V
Maximum Forward SD101A
Voltage Drop
SD101B
SD101C
SD101A
SD101B
SD101C
VF
0.41V
0.4V
0.39V
1V
0.95V
0.9V
IF=1mA
IF=15mA
Junction Cap. SD101A
SD101B
SD101C
C j
2.0pF
2.1pF
2.2pF
VR=0V, f=1.0MHz
Reverse Recovery Time
trr
1ns
IF=IR=50mA, recover to
200mA/0.1I R
SD101A
THRU
SD101C
Small Signal
Schottky Diodes
DO-35
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.166
---
4.2
B
---
.079
---
2.00
C
---
.020
---
.52
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: 5
2008/02/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Features
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
• Moisture Sensitivity: Level 1 per J-STD-020C
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.
2. Valid provided that electrodes are kept at ambient temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com