Electronic Components Datasheet Search
  English  ▼

X  

SD103ATW Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SD103ATW
Description  200mW SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SD103ATW Datasheet(HTML) 2 Page - Micro Commercial Components

  SD103ATW Datasheet HTML 1Page - Micro Commercial Components SD103ATW Datasheet HTML 2Page - Micro Commercial Components SD103ATW Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD103ATW
MCC
0.01
0.1
1
0.001
0.0001
0
800
600
400
200
1000
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Fig. 1 Typical Forward Characteristics
T = 25
°C
A
T= 75
°C
A
T = 125
°C
A
T = 0
°C
A
T = -40
°C
A
0.01
0.1
1
10
100
1000
0
5
10
15
35
30
25
20
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
T = 125°C
A
T = 75°C
A
T = 25°C
A
T = 0°C
A
T = -40°C
A
40
0
10
5
15
25
20
30
0
10
20
30
40
V , REVERSE VOLTAGE (V)
R
Fig. 3 Typ. Total Capacitance vs. Reverse Voltage
f = 1.0MHz
0
100
025
50
75
100
125
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 4 Power Derating Curve
200
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com