Electronic Components Datasheet Search
  English  ▼

X  

SD103BW Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SD103BW
Description  400mW Small Signal Schottky Diode 20 to 40 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SD103BW Datasheet(HTML) 2 Page - Micro Commercial Components

  SD103BW Datasheet HTML 1Page - Micro Commercial Components SD103BW Datasheet HTML 2Page - Micro Commercial Components SD103BW Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Figure 1
Typical Forward Characteristics
0
.2
.4
.6
.8
1.0
1.2
1.4
1
2
4
6
8
10
20
40
60
80
100
200
400
600
800
1000
25
°C
Volts
MilliAmps
Figure 3
Typical Reverse Characteristics
04
8
12
16
20
24
28
32
36
40
.001
.01
.1
1
10
100
25
°C
Typical Reverse Current - mA versus
Reverse Voltage - Volts
µA
Volts
Figure 2
Typical Junction Capacitance
Junction Capacitance - pF versus
Reverse Voltage - Volts
Volts
pF
0.
0.5
1.0
5.0
10
50
100
1
2
4
6
10
20
40
60
100
SD103AW thru SD103CW
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
Revision:
A
20
11/01/01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com