Electronic Components Datasheet Search
  English  ▼

X  

SD103CW Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SD103CW
Description  400mW Small Signal Schottky Diode 20 to 40 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SD103CW Datasheet(HTML) 1 Page - Micro Commercial Components

  SD103CW Datasheet HTML 1Page - Micro Commercial Components SD103CW Datasheet HTML 2Page - Micro Commercial Components SD103CW Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD103AW
THRU
SD103CW
400mW Small Signal
Schottky Diode
20 to 40 Volts
SOD-123
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
---
.053
---
1.35
E
.012
.031
0.30
0.78
G
.006
---
0.15
---
H
---
.010
---
0.25
J
---
.006
---
0.15
Features
Maximum Ratings
•
Operating Temperature: -55
to +125
•
Storage Temperature: -55
to +150
•
Maximum Thermal Resistance; 300
/W Junction to Ambient
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
SD103AW
40V
28V
40V
SD103BW
30V
21V
30V
SD103CW
20V
14V
20V
Electrical Characteristics @ 25 Unless Otherwise Specified
Average Forward
Current
IF(AV)
350mA
Note 1
Peak Forward Surge
Current
IFSM
1.5A
t
1.0s
Maximum Power
Dissipation
PD
400mW
Note 1
Maximum (Note2)
Instantaneous
Forward Voltage
VF
0.37V
0.60V
IFM = 20mA
IFM = 200mA
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0µA
VR = 30V (AW)
VR = 20V (BW)
VR = 10V (CW)
Typical Junction
Capacitance
Cj
50pF
Measured at
1.0MHz, VR=0V
Typical Reverse
Recovery Time
trr
10ns
IF = IR =200mA
Irr=0.1×IR RL=100
Ω
Note: 1.Valid provided that electrodes are kept at ambient
Temperature
2.Pulse test: Pulse width 300
µsec, Duty cycle 2%
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
A
B
E
C
J
D
H
G
0.036”
0.093
0.048”
SUGGESTED SOLDER
PAD LAYOUT
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
•
Guard Ring Protection
•
Low Forward Voltage Drop
•
Low Power Loss For High Efficiency
•
Device Marking Code:
SD103AW: S4
SD103BW: S5
SD103CW: S6
•
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Revision:
A
20
11/01/01
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - SD103CW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103CW PANJIT-SD103CW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Diodes Incorporated
SD103CW DIODES-SD103CW Datasheet
68Kb / 2P
SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 24 - 2
logo
General Semiconductor
SD103CW GE-SD103CW Datasheet
130Kb / 3P
Schottky Diodes
logo
Weitron Technology
SD103CW WEITRON-SD103CW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
SD103CW DIODES-SD103CW Datasheet
246Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 21 - 2
More results

Similar Description - SD103CW

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SD101CW RECTRON-SD101CW Datasheet
140Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 40 Volts
SD103AW RECTRON-SD103AW Datasheet
137Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 40 Volts
logo
Micro Commercial Compon...
SD103AWS MCC-SD103AWS Datasheet
173Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
SD103CW-TP MCC-SD103CW-TP Datasheet
206Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AW-TP MCC-SD103AW-TP Datasheet
206Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AWS-TP MCC-SD103AWS-TP Datasheet
188Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AW MCC-SD103AW_17 Datasheet
209Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AWS MCC-SD103AWS_13 Datasheet
188Kb / 3P
400mW Small Signal Schottky Diode 20 to 40 Volts
SD103AX MCC-SD103AX_13 Datasheet
331Kb / 3P
200mW Small Signal Schottky Diode 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com