Electronic Components Datasheet Search
  English  ▼

X  

SF28 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SF28
Description  2.0 Amp Super Fast Rectifier 50 to 600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SF28 Datasheet(HTML) 1 Page - Micro Commercial Components

  SF28 Datasheet HTML 1Page - Micro Commercial Components SF28 Datasheet HTML 2Page - Micro Commercial Components SF28 Datasheet HTML 3Page - Micro Commercial Components SF28 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SF21
THRU
SF2
8
2.0 Amp Super Fast
Rectifier
50 to 600 Volts
Features
•
Low forward voltage drop
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
For capacitive load, derate current by 20%
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum DC
Blocking
Voltage
SF21
50V
35V
50V
SF22
100V
70V
100V
SF23
150V
105V
150V
SF24
200V
140V
200V
SF25
300V
210V
300V
SF26
400V
280V
400V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0A
TC = 55
°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum Instantaneous
Forward Voltage
SF21-SF24
0.95V
SF25-SF26
SF2
8
VF
1.30V
1.70V
IFM = 2.0A;
Ta = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
100uA
TC = 25
°C
TC = 100
°C
Typical Junction
Capacitance
SF21-SF24
SF25-SF2
8
CJ
60pF
30pF
Measured at
1.0MHz, VR=4.0V
Maximum Reverse
Recovery Time
TRR
35nS
IF=0.5A, IR=1.0A,
IRR=0.25A
*Pulse Test: Pulse width 300 usec, Duty cycle 1%.
A
B
C
D
D
Cathode
Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.026
.034
.70
.90
D
1.000
---
25.40
---
DO-15
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
Marking: Type Number
www.mccsemi.com
1 of 4
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
SF2
8
600V
420V
600V
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - SF28

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF28 MOSPEC-SF28 Datasheet
129Kb / 2P
POWER RECTIFIERS(2.0A,500-1000V)
logo
Bytes
SF28 BYTES-SF28 Datasheet
161Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF28 DCCOM-SF28 Datasheet
473Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
EIC discrete Semiconduc...
SF28 EIC-SF28 Datasheet
48Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
Formosa MS
SF28 FORMOSA-SF28 Datasheet
65Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF28

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SF21 MCC-SF21 Datasheet
94Kb / 3P
2.0 Amp Super Fast Rectifier 50 to 400 Volts
SF31 MCC-SF31 Datasheet
155Kb / 3P
3.0 Amp Super Fast Rectifier 50 to 600 Volts
SF51 MCC-SF51 Datasheet
90Kb / 2P
5.0 Amp Super Fast Rectifier 50 to 600 Volts
SF31 MCC-SF31_11 Datasheet
475Kb / 4P
3.0 Amp Super Fast Rectifier 50 to 600 Volts
logo
DONGGUAN YOU FENG WEI E...
SF31 YFWDIODE-SF31 Datasheet
90Kb / 3P
3.0 Amp Super Fast Rectifier 50 to 600 Volts
logo
Nanjing International G...
SF21 DGNJDZ-SF21 Datasheet
82Kb / 3P
2.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
SF11-DO41 YFWDIODE-SF11-DO41 Datasheet
390Kb / 3P
50 to 600 Volts 1.0 Amp Super Fast Rectifier
SF21 YFWDIODE-SF21 Datasheet
381Kb / 3P
2.0 Amp Super Fast Rectifier 50 to 400 Volts
SF31-DO27 YFWDIODE-SF31-DO27 Datasheet
384Kb / 3P
3.0 Amp Super Fast Rectifier 50 to 600 Volts
SF21-DO15 YFWDIODE-SF21-DO15 Datasheet
427Kb / 3P
2.0 Amp Super Fast Rectifier 50 to 400 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com