Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89LP51_11 Datasheet HTML 9Page - ATMEL Corporation AT89LP51_11 Datasheet HTML 10Page - ATMEL Corporation AT89LP51_11 Datasheet HTML 11Page - ATMEL Corporation AT89LP51_11 Datasheet HTML 12Page - ATMEL Corporation AT89LP51_11 Datasheet HTML 13Page - ATMEL Corporation AT89LP51_11 Datasheet HTML 14Page - ATMEL Corporation AT89LP51_11 Datasheet HTML 15Page - ATMEL Corporation AT89LP51_11 Datasheet HTML 16Page - ATMEL Corporation AT89LP51_11 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 113 page
background image
13
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
Figure 3-3.
External Program Memory Fetches
In order for Fast mode to fetch externally, two wait states must be inserted for every clock cycle,
increasing the instruction execution time by a factor of 3. However, due to other optimizations,
external Fast mode instructions may still be 1/4 to 1/2 faster than their Compatibility mode equiv-
alents. Note that if ALE is allowed to toggle in Fast mode, there is a possibility that when the
CPU jumps from internal to external execution a short pulse may occur on ALE as shown in Fig-
ure 3-4. The setup time from the address to the falling edge of ALE remains the same. However,
this behavior can be avoided by setting the DISALE bit prior to any jump above the 8K border.
Figure 3-4.
Internal/External Program Memory Boundary (Fast Mode)
3.1.2
SIG
In addition to the 64K code space, the AT89LP51/52 also supports a 256-byte User Signature
Array and a 128-byte Atmel Signature Array that are accessible by the CPU. The Atmel Signa-
ture Array is initialized with the Device ID in the factory. The User Signature Array is available for
user identification codes or constant parameter data. Data stored in the signature array is not
secure. Security bits will disable writes to the array; however, reads by an external device pro-
grammer are always allowed.
In order to read from the signature arrays, the SIGEN bit (AUXR1.3) must be set (See Table 5-3
on page 28). While SIGEN is one, MOVC A,@A+DPTR will access the signature arrays. The
User Signature Array is mapped from addresses 0100h to 01FFh and the Atmel Signature Array
is mapped from addresses 0000h to 007Fh. SIGEN must be cleared before using MOVC to
CLK
ALE
PSEN
FLOAT
PCL
OUT
P0
PCH OUT
P2
PCH OUT
PCH OUT
DATA
SAMPLED
PCL
OUT
PCL
OUT
DATA
SAMPLED
DATA
SAMPLED
CLK
ALE
DISALE=0
PSEN
FLOAT
P0 SFR OUT
P0
P2 SFR OUT
P2
PCH OUT
PCH OUT
PCL OUT
PCL OUT
DATA
SAMPLED
SHORT
PULSE
ALE
DISALE=1
INTERNAL EXECUTION
EXTERNAL EXECUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com