Electronic Components Datasheet Search
  English  ▼

X  

SR103 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SR103
Description  1 Amp Schottky Barrier Rectifier 20 to 40 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SR103 Datasheet(HTML) 1 Page - Micro Commercial Components

  SR103 Datasheet HTML 1Page - Micro Commercial Components SR103 Datasheet HTML 2Page - Micro Commercial Components SR103 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SR102
THRU
SR104
1 Amp Schottky
Barrier Rectifier
20 to 40 Volts
Features
•
Guard Ring Protection
•
Low Power Loss For High Efficiency
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 80
°C/W Junction To Ambient
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SR102
SR102
20V
14V
20V
SR103
SR103
30V
21V
30V
SR104
SR104
40V
28V
40V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TA = 90
°C
Peak Forward Surge
Current
IFSM
25A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SR102
SR103
SR104
VF
.45V
.55V
.60V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1.0mA
TJ = 25
°
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
DO-41
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
DIMENSIONS
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Revision:
A
20
11/01/01
•
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
C
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - SR103

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR103 MOSPEC-SR103 Datasheet
223Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Jinan Gude Electronic D...
SR103 JGD-SR103 Datasheet
143Kb / 2P
1.0 AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SR103 DIODES-SR103 Datasheet
149Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIER
DS23002 Rev. 5 - 3
logo
Taiwan Semiconductor Co...
SR103 TSC-SR103 Datasheet
64Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
SR103 TSC-SR103 Datasheet
250Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
More results

Similar Description - SR103

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5817 MCC-1N5817 Datasheet
81Kb / 2P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
DL5817 MCC-DL5817 Datasheet
78Kb / 3P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
1N5817 MCC-1N5817_11 Datasheet
409Kb / 3P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
B5817W MCC-B5817W Datasheet
368Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817WS MCC-B5817WS Datasheet
318Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
DL5817 MCC-DL5817_11 Datasheet
458Kb / 4P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
DONGGUAN YOU FENG WEI E...
1N5817 YFWDIODE-1N5817 Datasheet
77Kb / 2P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
1N5817-DO41 YFWDIODE-1N5817-DO41 Datasheet
277Kb / 2P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Micro Commercial Compon...
1N5817 MCC-1N5817_14 Datasheet
493Kb / 3P
1 Amp Schottky Barrier Rectifier 20 to 40 Volts
B5817WS MCC-B5817WS_17 Datasheet
651Kb / 4P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com