Electronic Components Datasheet Search
  English  ▼

X  

SR202 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SR202
Description  2 Amp Schottky Barrier Rectifier 20 - 60 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SR202 Datasheet(HTML) 1 Page - Micro Commercial Components

  SR202 Datasheet HTML 1Page - Micro Commercial Components SR202 Datasheet HTML 2Page - Micro Commercial Components SR202 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SR202
2 Amp Schottky
Barrier Rectifier
DO-41
Features
•
Guard Ring Protection
•
Low Forward Voltage Drop
•
Low
Power Loss for High Efficiency
•
Reverse Energy Tested
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
Part
Number
Device
Marking
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SR202
SR202
20V
14V
20V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average forward
current
IF(AV)
2A
TL=90 C
Maximum surge
current
IFSM
50A
8.3ms, half sine,
TJ = 150
°C
Max peak forward
VFM
IFM = 2.0A; TJ =
25
°C*
Max peak reverse
current
10 mA
IRM
VRRM, TJ = 25
°C
Typical junction
capacitance
CJ
50pF
VR = 5.0V, TJ =
25
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
D
Cathode
Mark
voltage
SR202-SR204
.55V
SR206
.70V
         
SR206
SR206
60V
42V
60V
SR204
SR204
40V
28V
40V
SR203
SR203
30V
21V
30V
SR202
THRU
SR206
20 - 60 Volts
Maximum
Voltage
Reverse
Recurrent
Peak
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
•
Operating Temperature: -50
°C to +125°C
•
Storage Temperature: -50
°C to +125°C
•
Maximum Thermal Resistance; 30
°C/W Junction To Lead
www.mccsemi.com
1 of 3
•
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
TJ = 100
°C
1mA
o
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - SR202

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR202 MOSPEC-SR202 Datasheet
222Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
Jinan Gude Electronic D...
SR202 JGD-SR202 Datasheet
121Kb / 2P
2.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SR202 DIODES-SR202 Datasheet
49Kb / 2P
2.0 AMPERE SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SR202 MCC-SR202 Datasheet
80Kb / 2P
2 Amp Schottky Barrier Rectifier 20 - 60 Volts
logo
Taiwan Semiconductor Co...
SR202 TSC-SR202 Datasheet
63Kb / 2P
2.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR202

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH1-20M CENTRAL-CMSH1-20M Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 60 VOLTS
logo
Micro Commercial Compon...
MBR1620 MCC-MBR1620 Datasheet
114Kb / 2P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR3020WT MCC-MBR3020WT Datasheet
1Mb / 2P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR4020WT MCC-MBR4020WT Datasheet
1Mb / 2P
40 Amp Schottky Barrier Rectifier 20 to 60 Volts
SR202 MCC-SR202 Datasheet
80Kb / 2P
2 Amp Schottky Barrier Rectifier 20 - 60 Volts
MBR3020PT MCC-MBR3020PT Datasheet
1Mb / 3P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR720 MCC-MBR720_08 Datasheet
113Kb / 3P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR4040CT KERSEMI-MBR4040CT Datasheet
1Mb / 2P
40 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Micro Commercial Compon...
SR204-TP MCC-SR204-TP Datasheet
211Kb / 3P
2 Amp Schottky Barrier Rectifier 20 - 60 Volts
SMD22WS MCC-SMD22WS Datasheet
237Kb / 3P
2 Amp Schottky Barrier Rectifier 20 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com