Electronic Components Datasheet Search
  English  ▼

X  

SR204 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SR204
Description  2 Amp Schottky Barrier Rectifier 20 - 60 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SR204 Datasheet(HTML) 2 Page - Micro Commercial Components

  SR204 Datasheet HTML 1Page - Micro Commercial Components SR204 Datasheet HTML 2Page - Micro Commercial Components SR204 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SR202 thru SR206
Lead
Temperature -
°C versus
Average Forward Current - Amperes
1
10
100
10
20
30
40
50
60
Figure 3
Maximum Nonrepetitive Surge Current
Peak Forward Current - Amperesversus
Number of Cycles at 60Hz
Amps
Cycles
Figure 4
Forward Current Derating
.4
.8 1.2 1.6 2.0 2.4 2.8 3.2
3.6
4.0
6
0
70
8
0
90
100
110
120
130
Resistive or
Inductive Load
Amps
°C
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
FORWARD VOLTAGE , VOLTS
0
0.01
0.1
1.0
10
0.2
0.4
0.6
0.8
1.0
20-40V
60V
T= 25 C
A
O
0.001
0.010
0.100
1.000
10.000
100.000
20
40
60
80
100
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
25℃
100℃
Figure 2
Typical Reverse Characteristics
Figure 1
Typical Forward Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com