Electronic Components Datasheet Search
  English  ▼

X  

SMF45A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMF45A
Description  200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMF45A Datasheet(HTML) 2 Page - Micro Commercial Components

  SMF45A Datasheet HTML 1Page - Micro Commercial Components SMF45A Datasheet HTML 2Page - Micro Commercial Components SMF45A Datasheet HTML 3Page - Micro Commercial Components SMF45A Datasheet HTML 4Page - Micro Commercial Components SMF45A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.mccsemi.com
ELECTRICAL CHARACTERISTICS @25 C
MCC
PART NUMBER
TEST
CURRENT
IT
RATED
STANDOFF
VOLTAGE
VWM
MAXIMUM
REVERSE
LEAKAGE
ID @VWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
MAXIMUM
PEAK
PULSE
CURRENT
IPP
MIN
MAX
mADC
V
( A)
V
A
SMF6.0A
5.0
6.4
7.0
10
400
9.2
21.7
5.0A
6.0
6.67
7.37
10
400
10.3
19.4
6.0A
6.5
7.22
7.98
10
250
11.2
17.9
6.5A
7.0
7.78
8.6
10
100
12
16.7
7.0A
7.5
8.33
9.21
1.0
50
12.9
15.5
7.5A
8.0
8.89
9.83
1.0
25
13.6
14.7
8.0A
8.5
9.44
10.4
1.0
10
14.4
13.9
8.5A
9.0
10
11.1
1.0
5.0
15.4
13
9.0A
10
11.1
12.3
1.0
2.5
17
11.8
10A
11
12.2
13.5
1.0
2.5
18.2
11
11A
12
13.3
14.7
1.0
2.5
19.9
10.1
12A
13
14.4
15.9
1.0
1.0
21.5
9.3
13A
14
15.6
17.2
1.0
1.0
23.2
8.6
14A
15
16.7
18.5
1.0
1.0
24.4
8.2
15A
16
17.8
19.7
1.0
1.0
26
7.7
16A
17
18.9
20.9
1.0
1.0
27.6
7.2
17A
18
20
22.1
1.0
1.0
29.2
6.8
18A
Breakdown
Voltage
VBR @ IT
(Volt)
Marking
Code
20
22.2
24.5
1.0
1.0
32.4
6.2
20A
22
24.4
26.9
1.0
1.0
35.5
5.6
22A
24
26.7
29.5
1.0
1.0
38.9
5.1
24A
26
28.9
31.9
1.0
1.0
42.1
4.8
26A
28
31.1
34.4
1.0
1.0
45.4
4.4
28A
30
33.3
36.8
1.0
1.0
48.4
4.1
30A
33
36.7
40.6
1.0
1.0
53.3
3.8
33A
36
40
44.2
1.0
1.0
58.1
3.4
36A
40
44.4
49.1
1.0
1.0
64.5
3.1
40A
43
47.8
52.8
1.0
1.0
69.4
2.9
43A
45
50
55.3
1.0
1.0
72.7
2.8
45A
48
53.3
58.9
1.0
1.0
77.4
2.6
48A
51
56.7
62.7
1.0
1.0
82.4
2.4
51A
54
60
66.3
1.0
1.0
87.1
2.3
54A
58
64.4
71.2
1.0
1.0
93.6
2.1
58A
60
66.7
73.7
1.0
1.0
96.8
1.8
60A
64
71.1
78.6
1.0
1.0
103
1.7
64A
70
77.8
86
1.0
1.0
113
1.5
70A
75
83.3
92.1
1.0
1.0
121
1.4
75A
78
86.7
95.8
1.0
1.0
126
1.4
78A
85
94.4
104
1.0
1.0
137
1.3
85A
90
100
111
1.0
1.0
146
1.2
90A
100
111
123
1.0
1.0
162
1.1
100
110
122
135
1.0
1.0
177
1.0
110
120
133
147
1.0
1.0
193
0.9
120
130
144
159
1.0
1.0
209
0.8
130
150
167
185
1.0
1.0
243
0.7
150
160
178
197
1.0
1.0
259
0.7
160
170
189
209
1.0
1.0
275
0.6
170
MCC
TM
Micro Commercial Components
SMF5.0A
SMF7.5A
SMF8.0A
SMF7.0A
SMF6.5A
SMF8.5A
SMF9.0A
SMF10A
SMF15A
SMF13A
SMF16A
SMF14A
SMF17A
SMF18A
SMF12A
SMF11A
SMF30A
SMF26A
SMF36A
SMF43A
SMF24A
SMF22A
SMF28A
SMF20A
SMF40A
SMF33A
SMF45A
SMF64A
SMF51A
SMF48A
SMF54A
SMF60A
SMF58A
SMF75A
SMF70A
SMF78A
SMF85A
SMF90A
SMF100A
SMF110A
SMF120A
SMF130A
SMF150A
SMF160A
SMF170A
Uni-Polar
SMF5.0A THRU SMF170A
2 of 5
Revision:A
2011/01/01



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com