Electronic Components Datasheet Search
  English  ▼

X  

SR802 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SR802
Description  8 Amp Schottky Barrier Rectifier 20 - 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SR802 Datasheet(HTML) 2 Page - Micro Commercial Components

  SR802 Datasheet HTML 1Page - Micro Commercial Components SR802 Datasheet HTML 2Page - Micro Commercial Components SR802 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SR802 thru SR8010
Figure3
Maximum Non-Repetitive Forward Surge Current
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
1
2
4
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
6
8
9
1
100
4
0
30
5
60
90
8
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
120
150
180
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
4
6
20
10
Amps
.2
.4
.6
.8
1.0
1.2
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
Volts
SR802-SR8045
SR805-SR806
SR808-SR810
www.mccsemi.com
MCC
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Revision: A
2011/01/01
.1
.4
1.0
4
10
40
80100
100
200
400
600
1000
800
2000
4000
Tj=25 C
0
SR80
5-SR
806
SR802-SR804
5
SR808
-SR81
0
Figure 4
Junction Capacitance
Volts
pF
Junction Capacitance - pF versus
Reverse Voltage - Volts
TM
Micro Commercial Components
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com