Electronic Components Datasheet Search
  English  ▼

X  

LS013B7DH01 Datasheet(PDF) 28 Page - Sharp Corporation

Part # LS013B7DH01
Description  Technical Literature For TFT-LCD Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B7DH01 Datasheet(HTML) 28 Page - Sharp Corporation

Back Button LS013B7DH01 Datasheet HTML 23Page - Sharp Corporation LS013B7DH01 Datasheet HTML 24Page - Sharp Corporation LS013B7DH01 Datasheet HTML 25Page - Sharp Corporation LS013B7DH01 Datasheet HTML 26Page - Sharp Corporation LS013B7DH01 Datasheet HTML 27Page - Sharp Corporation LS013B7DH01 Datasheet HTML 28Page - Sharp Corporation LS013B7DH01 Datasheet HTML 29Page - Sharp Corporation LS013B7DH01 Datasheet HTML 30Page - Sharp Corporation LS013B7DH01 Datasheet HTML 31Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
SPEC No.
LCP-2110019B
MODEL No.
LS013B7DH01
PAGE
26
11. Zebra connector
Contact Resistance :lower than 100Ω
【
Recommended zebra connector】
Shin-Etsu Polymer: SX type
Recommended size L:27.7±0.2mm W:1.5±0.1mm H:2.0±0.1mm P:0.03mm
Recommended compression ratio:15±8%
The zebra connector placement position
1.SX Specifications(A figure of reference)
Fig 11-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com