Electronic Components Datasheet Search
  English  ▼

X  

SRA503 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SRA503
Description  50Amp Standard Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SRA503 Datasheet(HTML) 1 Page - Micro Commercial Components

  SRA503 Datasheet HTML 1Page - Micro Commercial Components SRA503 Datasheet HTML 2Page - Micro Commercial Components SRA503 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SRA501
THRU
SRA507
50Amp Standard
Rectifier
SRA
Features
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SRA501
---
50V
35V
50V
SRA502
---
100V
70V
100V
SRA503
---
200V
140V
200V
SRA504
---
400V
280V
400V
SRA505
---
600V
420V
600V
SRA506
---
800V
560V
800V
SRA507
---
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
50A
Tc = 125
°C
Peak Forward Surge
Current
IFSM
500A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 50A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
250
µA
TJ = 25
°C
TJ = 55
°C
Typical Junction
Capacitance
CJ
100pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
E
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.332
.342
8.43
8.69
B
.165
.175
4.19
4.45
C
.218
.222
5.54
5.64
•
Low Cost
•
Low Leakage
•
Low Forward Voltage Drop
•
High Current Capability
•
For Automotive Applications
E
----
5'
---
5'
D
.234
.246
5.94
6.25
50 to 1000 Volts
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note: 1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
www.mccsemi.com
1 of 3
Revision: A
2011/01/01
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - SRA503

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SRA503 MCC-SRA503 Datasheet
115Kb / 2P
50Amp Recover Rectifier 50 to 1000 Volts
SRA503GP MCC-SRA503GP Datasheet
216Kb / 3P
50Amp Glass Passivated Rectifier 50 to 1000 Volts
More results

Similar Description - SRA503

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PF501 MCC-PF501 Datasheet
96Kb / 2P
50Amp Standard Recovery Rectifier 50 to 1000 Volts
PF501L MCC-PF501L Datasheet
96Kb / 2P
50Amp Standard Recovery Rectifier 50 to 1000 Volts
PF501N MCC-PF501N Datasheet
99Kb / 2P
50Amp Fast Recover Rectifier 50 to 1000 Volts
SRA501 MCC-SRA501 Datasheet
115Kb / 2P
50Amp Recover Rectifier 50 to 1000 Volts
PF501 MCC-PF501_07 Datasheet
68Kb / 3P
50Amp Standard Recovery Rectifier 50 to 600 Volts
PF501L MCC-PF501L_08 Datasheet
137Kb / 3P
50Amp Standard Recovery Rectifier 50 to 800 Volts
RA351 MCC-RA351_08 Datasheet
129Kb / 3P
35Amp Standard Rectifier 50 to 1000 Volts
SRA251 MCC-SRA251_11 Datasheet
202Kb / 3P
25Amp Standard Rectifier 50 to 1000 Volts
SRA501GP MCC-SRA501GP Datasheet
216Kb / 3P
50Amp Glass Passivated Rectifier 50 to 1000 Volts
SRA351 MCC-SRA351 Datasheet
203Kb / 3P
35Amp Standard Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com