Electronic Components Datasheet Search
  English  ▼

X  

TL431BLP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # TL431BLP
Description  Programmable Precision Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TL431BLP Datasheet(HTML) 1 Page - Micro Commercial Components

  TL431BLP Datasheet HTML 1Page - Micro Commercial Components TL431BLP Datasheet HTML 2Page - Micro Commercial Components TL431BLP Datasheet HTML 3Page - Micro Commercial Components TL431BLP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TL431BLP
Programmable
Precision Regulator
Features
•
The Reference Input Voltage tolerance is 0.5%
•
Sink Current Capability of 0.1mA to 100 mA
•
Temperature Compensated for operation over full rated operating
temperature range
•
Low output noise voltage and Fast turn on response
Maximum Ratings
Parameter
Symbol
Value
Unit
Cathode Voltage
VKA
37
V
Cathode Current Range
IK
-100~150
mA
Reference Input Current Range
IREF
0.05~10
mA
Power Dissipation at 25
PD
0.77
W
Thermal Resistance junction to ambient
RθJA
178
/W
Junction Temperature
TJ
0--150
Operating Temperature
Tg
0---70
Storage Temperature Range
TSTG
-65---+150
Recommended Operating Conditions
Parameter
Sym
Min
Max
Unit
Cathode Voltage
VKA
VREF
36
V
Cathode Current Range
IK
1.0
100
mA
Electrical Characteristics @ 25
Unless Otherwise Specified
Parameter
Sym
Min
Typ
Max
Test conditions
Reference Input
Voltage
Vref
2.4875V
2.500V
2.5125V
Deviation of
reference input
voltage
Vref(dev)
4.5mV
17mV
Tmin
Ta
Tmax
-1.0
-2.7
VKA=10V
Vref
Ratio of Change in
Reference Input
Voltage to the
Change in Cathode
Voltage
Vref/
VKA
-0.5
-2.0
VKA=36V
10V
Reference Input
Current
Iref
1.5
µA
4.0
µA
IKA=10mA,
R1=10K
R2=
Deviation of
Reference Input
Current Over Full
Temperature Range
Iref/
T
0.4
µA
1.2
µA
IKA=10mA,
R1=10K
R2=
TA=full Temperature
Minimum Cathode
Current for
Regulation
IKA(min)
0.45mA
1.0mA
Off-State Cathode
Current
IKA(off)
0.05
µA
1.0
µA
VKA=36V, VREF=0V
Dynamic Impedance
ZKA
0.15
0.5
IKA=10 to 100mA,
f
1.0KHz
TO-92
A
E
B
C
D
G
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.175
.185
4.45
4.70
B
.175
.185
4.46
4.70
C
.500
---
12.7
---
D
.016
.020
0.41
0.63
E
.135
.145
3.43
3.68
G
.095
.105
2.42
2.67
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
A
20
11/01/01
TM
Micro Commercial Components
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
1 of 4
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
•
Marking Code: TL431
3. (K) CATHODE
2. (A) ANODE
1. (R) REFERENCE
1
2
3


Similar Part No. - TL431BLP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TL431BLP MCC-TL431BLP Datasheet
199Kb / 4P
Programmable Precision Regulator
TL431BLP MCC-TL431BLP_13 Datasheet
199Kb / 4P
Programmable Precision Regulator
More results

Similar Description - TL431BLP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0076 NSC-LH0076 Datasheet
156Kb / 5P
NEGATIVE PRECISION PROGRAMMABLE REGULATOR
logo
Micro Commercial Compon...
TL431AU MCC-TL431AU Datasheet
422Kb / 3P
Programmable Precision Regulator
TL431X MCC-TL431X Datasheet
690Kb / 2P
Programmable Precision Shunt Regulator
TL431ALP MCC-TL431ALP Datasheet
251Kb / 2P
Programmable Precision Regulator
TL431AU MCC-TL431AU_11 Datasheet
290Kb / 4P
Programmable Precision Regulator
TL431BU MCC-TL431BU Datasheet
242Kb / 4P
Programmable Precision Regulator
TL431AU MCC-TL431AU_13 Datasheet
212Kb / 4P
Programmable Precision Regulator
TL431BLP MCC-TL431BLP_13 Datasheet
199Kb / 4P
Programmable Precision Regulator
TL431BU MCC-TL431BU_13 Datasheet
188Kb / 4P
Programmable Precision Regulator
TL431K MCC-TL431K Datasheet
463Kb / 6P
Programmable Precision Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com