Electronic Components Datasheet Search
  English  ▼

X  

PC702V Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC702V
Description  High Collector-emitter Voltage Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC702V Datasheet(HTML) 1 Page - Sharp Corporation

  PC702V Datasheet HTML 1Page - Sharp Corporation PC702V Datasheet HTML 2Page - Sharp Corporation PC702V Datasheet HTML 3Page - Sharp Corporation PC702V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
s Features
s Applications
s Outline Dimensions
PC702V
PC702V
High Collector-emitter Voltage
Type Photocoupler
2. High isolation voltage between input and
3. TTL compatible output
1. Telephone sets, telephone exchangers
2. System appliances, measuring instruments
3. Signal transmission between circuits of
different potentials and impedances
*3 For 10 seconds
( Ta = 25˚C)
θ
θ
12
3
5
4
6
Internal connection
diagram
12
3
4
65
Anode
mark
CTR
Rank mark
PC702V
Internal connection
diagram
12
3
4
4
65
output ( Viso
1. High collector-emitter voltage ( VCEO : 70V)
1 Anode
2 Cathode
3 NC
5
Emitter
6
Collector
Base
4. Recognized by UL, file
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
60
*1Peak forward current
I FM
1.5
A
Reverse voltage
V R
6V
Power dissipation
P
105
mW
Collector-emitter voltage
V CEO
70
V
Output
Emitter-collector voltage
V ECO
6V
Collector-base voltage
V CBO
70
V
Emitter-base voltage
V EBO
6V
Collector current
IC
50
Collector power dissipation
P C
160
mW
Total power dissipation
P tot
200
mW
*2Isolation voltage
V iso
Operating temperature
T opr
- 55 to + 100
˚C
Storage temperature
T stg
- 55 to + 150
˚C
*3Soldering temperature
T sol
260
˚C
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
*1 Pulse width<=10
µs, Duty ratio : 0.0004
No. E64380
( Unit : mm )
s Absolute Maximum Ratings
mA
mA
gg TUV ( VDE0884 ) approved type is also available as an option.
*2 40 to 60% RH, AC for 1 minute
5 000
V rms
..
: 5 000V rms )
g
Lead forming type( I type ) and taping reel type ( P type ) are also available. ( PC702VI/PC702VP)
θ = 0 to 13˚
0.9 ± 0.2
1.2 ± 0.3
7.12 ± 0.5
0.5 ± 0.1
2.54 ± 0.25
7.62 ± 0.3
0.26 ± 0.1


Similar Part No. - PC702V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC702V0NSZX SHARP-PC702V0NSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
PC702V1NSZX SHARP-PC702V1NSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
PC702V2NSZX SHARP-PC702V2NSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
PC702V3NSZX SHARP-PC702V3NSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
More results

Similar Description - PC702V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC703V SHARP-PC703V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC723V SHARP-PC723V Datasheet
66Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC725V SHARP-PC725V Datasheet
68Kb / 4P
High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PC851 SHARP-PC851 Datasheet
65Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC861 SHARP-PC861 Datasheet
89Kb / 4P
High Collector-emitter Voltage, High Density Mounting Type Photocoupler
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
PC725V0NSZX SHARP-PC725V0NSZX Datasheet
158Kb / 15P
High Sensitivity and High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com