Electronic Components Datasheet Search
  English  ▼

X  

PC703V Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC703V
Description  High Collector-emitter Voltage Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC703V Datasheet(HTML) 2 Page - Sharp Corporation

  PC703V Datasheet HTML 1Page - Sharp Corporation PC703V Datasheet HTML 2Page - Sharp Corporation PC703V Datasheet HTML 3Page - Sharp Corporation PC703V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
s Electro-optical Characteristics
*4 Classification table of current transfer ratio is shown below.
Model No.
Rank mark
40 to 80
63 to 125
100 to 200
160 to 320
A or B
40 to 125
B or C
63 to 200
C or D
100 to 320
A, B, C or D
40 to 320
PC703V
A
B
C
D
( Ta = 25˚C)
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward voltage
V F
IF
-
1.2
1.4
V
Peak forward voltage
V FM
IFM = 0.5A
-
-
3.0
V
Reverse current
IR
V R =4V
-
-
10
µA
Terminal capacitance
Ct
V = 0, f = 1kHz
-
30
250
pF
Collector dark current
ICEO
V CE = 20V, I F =0
-
-
10 -7
A
CTR
IF
40
-
320
%
Collector-emitter saturation voltage
V CE(sat)
IF
-
0.1
0.2
V
Isolation resistance
R ISO
5x 1010
1011
-
Ω
Floating capacitance
Cf
V = 0, f = 1MHz
-
0.6
1.0
pF
fC
-
80
-
kHz
t r
V CE
C
RL = 100
Ω,
-4
15
µ s
tf
-3
15
µ s
Parameter
Input
Output
Transfer
charac-
teristics
Cut-off frequency
Response time
Rise time
Fall time
Measurement conditions
I F = 10mA
V CE =5V
T a = 25˚C
0
-30
10
0
25
50
75
100
125
20
30
40
50
60
Fig. 1 Forward Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
0
0
125
100
200
50
150
25
50
75
100
Fig.12 Collector Power Dissipation VS.
Ambient Temperature
160
-30
*4 Current transfer ratio
= 20mA
= 10mA, V CE=5V
= 20mA, I C= 1mA
= 2mA
PC703V1
PC703V2
PC703V3
PC703V4
PC703V5
PC703V6
PC703V7
PC703V
Ambient temperature T a (˚C)
V CE = 2V, I C
RL = 100
Ω
= 2mA
- 3dB
= 5V, I
DC500V, 40 to 60% RH
CTR ( % )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com