Electronic Components Datasheet Search
  English  ▼

X  

PC723V Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC723V
Description  High Collector-emitter Voltage Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC723V Datasheet(HTML) 1 Page - Sharp Corporation

  PC723V Datasheet HTML 1Page - Sharp Corporation PC723V Datasheet HTML 2Page - Sharp Corporation PC723V Datasheet HTML 3Page - Sharp Corporation PC723V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PC723V
PC723V
*1 Pulse width<=100
µs, Duty ratio : 0.001
*3 For 10 seconds
s Absolute Maximum Ratings
s Features
s Applications
2. High isolation voltage between input and
3. Current transfer ratio
4. TTL compatible output
output ( Viso
1. Telephone systems, telegram systems
2. System appliances, measuring instruments
3. Signal transmission between circuits of
different potentials and impedances
Internal connection
diagram
Anode mark
θ
θ
PC723V
s Outline Dimensions
1. High collector-emitter voltage ( VCEO : 80V)
CTR : MIN. 50% at I F = 5mA, VCE =5V
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
V CEO
80
V
Emitter-collector voltage
V ECO
6V
Collector-base voltage
V CBO
130
V
Emitter-base voltage
V EBO
6V
Collector current
IC
50
mA
Collector power dissipation
P C
150
mW
Total power dissipation
P tot
200
mW
*2Isolation voltage
V iso
Operating temperature
T opr
- 25 to + 100
˚C
Storage temperature
T stg
- 40 to + 125
˚C
*3Soldering temperature
T sol
260
˚C
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
123
6
5
4
12
3
65
4
1 Anode
2 Cathode
3 NC
4 Emitter
5 Collector
6 Base
5. Recognized by UL, file No. E64380
High Collector-emitter Voltage
Type Photocoupler
Peak forward current
( Unit : mm)
5 000
*2 40 to 60% RH, AC for 1 minute
g Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC723VI/PC723VP )
: 5 000V rms )
V rms
θ = 0 to 13 ˚
1.2 ± 0.3
0.9 ± 0.2
7.12 ± 0.5
2.54 ± 0.25
0.5 ± 0.1
0.26 ± 0.1
7.62 ± 0.3
gg TUV ( VDE0884 ) approved type as an option is also available.
..


Similar Part No. - PC723V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC723V0NSZX SHARP-PC723V0NSZX Datasheet
65Kb / 5P
High Collector-emitter Voltage Type Photocoupler
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
High Collector-emitter Voltage Type Photocoupler
More results

Similar Description - PC723V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC702V SHARP-PC702V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC703V SHARP-PC703V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC725V SHARP-PC725V Datasheet
68Kb / 4P
High Sensitivity, High Collector-emitter Voltage Type Photocoupler
PC851 SHARP-PC851 Datasheet
65Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC861 SHARP-PC861 Datasheet
89Kb / 4P
High Collector-emitter Voltage, High Density Mounting Type Photocoupler
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
PC725V0NSZX SHARP-PC725V0NSZX Datasheet
158Kb / 15P
High Sensitivity and High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com