Electronic Components Datasheet Search
  English  ▼

X  

PC733H Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC733H
Description  High Input Current, AC Input Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC733H Datasheet(HTML) 4 Page - Sharp Corporation

  PC733H Datasheet HTML 1Page - Sharp Corporation PC733H Datasheet HTML 2Page - Sharp Corporation PC733H Datasheet HTML 3Page - Sharp Corporation PC733H Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PC733H
Frequency f ( kHz )
-5
0.5 1
2
5
-15
200
100
50
20
10
500
-20
-10
0
100
Ω
1k
Ω
Fig.11 Frequency Response
0.2
0.1
0.5
1
2
5
0.1
1
10
0.03
0.2
0.5
2
5
10
20
50
100
200
Forward current I F ( mA )
0
0
2
4
6
8
10
20
40
60
80
100
2mA
3mA
30mA
40mA
9
7
5
3
1
90
70
50
30
10
5mA
Fig.12 Collector-emitter Saturation Voltage
vs. Forward Current
Test Circuit for Response Time
90%
10%
Output
Input
RL
Input
Output
VCC
RD
td
ts
tr
t
Test Circuit for Frequency Response
VCC
RL
Output
RD
RBE =
Ta= 25˚C
20mA
7mA
10mA
f
q Please refer to the chapter “Precautions for Use ”
Ta = 25˚C
RBE =
IC = 2mA
VCE =2V
t s
t d
t r
t f
Ta = 25˚C
RBE =
IC = 2mA
VCE =5V
RL = 10k Ω
IC = 1mA
1 000
.
Fig.10 Response Time vs. Load Resistance
Load resistance R L ( k Ω )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com