Electronic Components Datasheet Search
  English  ▼

X  

PF1262 Datasheet(PDF) 1 Page - Riedon Powertron

Part # PF1262
Description  TO-126 Power Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PF1262 Datasheet(HTML) 1 Page - Riedon Powertron

  PF1262 Datasheet HTML 1Page - Riedon Powertron PF1262 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
03/11
PF1260 Series
• TO-126 Housing
• Resistances from 0.01 to 51K Ohms
• Rated Power to 20 Watts
• Resistance Tolerances to ±1%
• TCR to ±50ppm/K
• Low Inductance ( <50nH )
• Isolated Back Plate
SPECIFICATIONS
1
Powerratingbasedon25°CFlangeTemperature
2
Powerratingbasedon25°CAmbientTemperature
3
ConsultFactoryforHigherorLowerValues
Specification
Value
MaximumCurrent
25A
TemperatureRange
-55°Cto+155°C:PF1262
DielectricStrength
2000VAC
Max.OperatingVoltage
500V
InsulationResistance
>1000Meg-Ohm
EnvironmentalPerformance
D
R
TestConditions
LoadLife
±1%+0.05W
25°C/90minON/30minOFF/1000hr
HumidityResistance
±1%+0.05W
40°C/90-95%RH/DC0.1W/1000hr
TemperatureCycle
±0.25%+0.05W
-55°Cfor30min/+155°Cfor30min/1000hr
SolderHeat
±0.1%+0.05W
+350°C/3s
Vibration
±0.25%+0.05W
IEC60068-2-6
Type
PowerRating
Heatsink
1
FreeAir
2
Thermal
Resistance
ResistanceRange
3
MinMax
Tolerances
Temperature
Coefficients
PF1262
20W
1W
5.9K/W
0.01W
51KW
±1%(R≥0.1W )
±5%
±50ppm/°C(R≥10W )
±100ppm/°C(0.1W ≤R< 10W )
±250ppm/°C(R<0.1W )
TO-126PowerFilmResistors
In Stock at
DIGI-KEY


Similar Part No. - PF1262

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF1262 RIEDON-PF1262 Datasheet
272Kb / 2P
TO-126 Power Film Resistors
PF1262 RIEDON-PF1262 Datasheet
181Kb / 2P
TO-126 Power Thin Film Resistors
PF1262 RIEDON-PF1262 Datasheet
181Kb / 2P
TO-126 Power Thin Film Resistors
PF1262-0R25F1 RIEDON-PF1262-0R25F1 Datasheet
181Kb / 2P
TO-126 Power Thin Film Resistors
PF1262-20KF1 RIEDON-PF1262-20KF1 Datasheet
181Kb / 2P
TO-126 Power Thin Film Resistors
More results

Similar Description - PF1262

ManufacturerPart #DatasheetDescription
logo
Bi technologies
MHP20S BITECH-MHP20S Datasheet
866Kb / 2P
20W TO-126 HIGH POWER RESISTORS
logo
Riedon Powertron
PF1260 RIEDON-PF1260 Datasheet
272Kb / 2P
TO-126 Power Film Resistors
PF2200 RIEDON-PF2200_11 Datasheet
246Kb / 2P
TO-220 Power Film Resistors
logo
Caddock Electronics, In...
MP915 CADDOCK-MP915 Datasheet
249Kb / 2P
Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Riedon Powertron
PF1260 RIEDON-PF1260_13 Datasheet
181Kb / 2P
TO-126 Power Thin Film Resistors
PF1262 RIEDON-PF1262_14 Datasheet
181Kb / 2P
TO-126 Power Thin Film Resistors
PF1262-20KF1 RIEDON-PF1262-20KF1 Datasheet
181Kb / 2P
TO-126 Power Thin Film Resistors
PF1262-0R25F1 RIEDON-PF1262-0R25F1 Datasheet
181Kb / 2P
TO-126 Power Thin Film Resistors
PF2472-0R05J1 RIEDON-PF2472-0R05J1 Datasheet
226Kb / 3P
TO-247 Power Film Resistors
logo
Caddock Electronics, In...
MP915 CADDOCK-MP915_17 Datasheet
532Kb / 2P
Power Film Resistors TO-126, TO-220 and TO-247 Style
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com