Electronic Components Datasheet Search
  English  ▼

X  

PC814 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC814
Description  AC Input Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC814 Datasheet(HTML) 1 Page - Sharp Corporation

  PC814 Datasheet HTML 1Page - Sharp Corporation PC814 Datasheet HTML 2Page - Sharp Corporation PC814 Datasheet HTML 3Page - Sharp Corporation PC814 Datasheet HTML 4Page - Sharp Corporation PC814 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PC814 Series
PC814 Series
AC Input Photocoupler
s Features
s Applications
2. High isolation voltage between input and
3. Compact dual-in-line package
4. Current transfer ratio
1. Programmable controllers
2. Telephone sets, telephone exchangers
3. System appliances
4. Signal transmission between circuits of
CTR : MIN. 20% at IF = ± 1mA, VCE =5V
different potentials and impedances
s Outline Dimensions
( Unit : mm)
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
5. Recognized by UL, file No. E64380
θ
θ
θ
θ
θ
θ
PC844
PC844
PC814
Internal connection
diagram
CTR rank mark
rank mark
PC824
PC824
Internal connection diagram
CTR
2
1
43
1 Anode, Cathode
2 Anode, Cathode
3 Emitter
4 Collector
4
12
3
12
3
4
5
6
7
8
12
34
5
6
7
8
5 7 Emitter
6 8 Collector
1 3 Anode,Cathode
2 4 Anode,Cathode
12
34
56
7
8
9
CTR
rank mark
Internal connection diagram
12
34
56
7
8
9
1357 Anode, Cathode
2468 Anode, Cathode
9
Emitter
Collector
PC814 ( 1-channel type )
PC824 (2-channel type )
PC844 ( 4-channel type )
1. AC input
Primary side mark
g Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC814I/PC814P )
output ( V : 5 000Vrms )
0.9 ± 0.2
1.2 ± 0.3
2.54 ± 0.25
19.82 ± 0.5
0.5 ± 0.1
7.62 ± 0.3
0.26 ± 0.1
θ = 0 to 13˚
1.2 ± 0.3
0.9 ± 0.2
2.54 ± 0.25
θ = 0 to 13 ˚
9.66 ± 0.5
0.5 ± 0.1
0.26 ± 0.1
7.62 ± 0.3
2.54 ± 0.25
0.9 ± 0.2
1.2 ± 0.3
4.58 ± 0.5
0.5 ± 0.1
7.62 ± 0.3
0.26 ± 0.1
θ = 0 to 13 ˚
11
12
13
14
15
16
11
12
13
14
15
16
11
12
13
14
15
16
10
10
10


Similar Part No. - PC814

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC814 SHARP-PC814 Datasheet
356Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
logo
NEC
PC814 NEC-PC814 Datasheet
302Kb / 10P
DUAL J-FET INPUT LOW-OFF SET OPERATIONAL AMPLIFIER
logo
Sharp Corporation
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC81410NSZ0F SHARP-PC81410NSZ0F Datasheet
233Kb / 14P
DIP 4pin High CMR, AC Input, Low Input Current Photocoupler
PC8141XNSZ SHARP-PC8141XNSZ Datasheet
62Kb / 5P
AC Input, Low Input Current Type Photocoupler
More results

Similar Description - PC814

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC733 SHARP-PC733 Datasheet
66Kb / 4P
AC Input Type Photocoupler
PC733H SHARP-PC733H Datasheet
66Kb / 4P
High Input Current, AC Input Type Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
AC Input Type OPIC Photocoupler
logo
Everlight Electronics C...
H11AAX_0809 EVERLIGHT-H11AAX_0809 Datasheet
411Kb / 12P
AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
DIP 4pin AC Input Photocoupler
logo
Everlight Electronics C...
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
DIP 4pin AC Input Photocoupler
logo
Everlight Electronics C...
EL814 EVERLIGHT-EL814_16 Datasheet
995Kb / 13P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL3H4-G EVERLIGHT-EL3H4-G_16 Datasheet
861Kb / 11P
4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
Aug 31, 2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com