Electronic Components Datasheet Search
  English  ▼

X  

AMLDLW-Z Datasheet(PDF) 2 Page - AIMTEC

Part # AMLDLW-Z
Description  Up to 1000mA | LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDLW-Z Datasheet(HTML) 2 Page - AIMTEC

  AMLDLW-Z Datasheet HTML 1Page - AIMTEC AMLDLW-Z Datasheet HTML 2Page - AIMTEC AMLDLW-Z Datasheet HTML 3Page - AIMTEC AMLDLW-Z Datasheet HTML 4Page - AIMTEC AMLDLW-Z Datasheet HTML 5Page - AIMTEC AMLDLW-Z Datasheet HTML 6Page - AIMTEC AMLDLW-Z Datasheet HTML 7Page - AIMTEC AMLDLW-Z Datasheet HTML 8Page - AIMTEC AMLDLW-Z Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Series AMLDLW-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R9
2 of 11
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Humidity
95
% RH
Case material
Non-Conductive Black Plastic (UL94-V0 rated)
Weight
6.2
g
Dimensions (L x W x H)
0.92 x 0.55 x 0.40 inches
23.40 x 14.00 x 10.16 mm
MTBF
> 500 000hrs (MIL-HDBK-217 F at +25
oC)
Maximum Soldering Temperature
1.5mm from case for 10sec.
260
oC
NOTES:
1.Reversed polarity at the input power will damage the driver. The input ground must not be connected to the negative output.
2.Leave the pin VADJ opened if not used , grounding VADJ will shut the driver off, connecting VADJ to +Vin will damage the driver.
3.Maximum output open voltage is equal to input voltage
Pin Out Specifications
Dimensions
Pin
Single
Description
1(Black)
- V Input
- DC Supply
2(White)
Vadj
PWM/ON/OFF or not used
8(Blue)
-V Output
LED Cathode Connection
9(Yellow)
+ V Output
LED Anode connection
16 (Red)
+ V Output
+ DC Supply
19.60
(0.77)
23.40
(0.92)
2
8
16
1
9
Bottom View
14.00
(0.55)
12
16
14.00
(0.55)
89
All Wires are
Stripped & Tinned
Lead Wires are under the specifications of general lamps:
Wire is UL 1015/CSATEM listed #22AWG / 600V / 105ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com