Electronic Components Datasheet Search
  English  ▼

X  

PC844A Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC844A
Description  AC Input Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC844A Datasheet(HTML) 5 Page - Sharp Corporation

  PC844A Datasheet HTML 1Page - Sharp Corporation PC844A Datasheet HTML 2Page - Sharp Corporation PC844A Datasheet HTML 3Page - Sharp Corporation PC844A Datasheet HTML 4Page - Sharp Corporation PC844A Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Forward current I F ( mA )
0
0
2
4
6
2468
10
1mA
3mA
5
3
1
9
7
5
3
1
5mA
7mA
11 12 13 14 15
Fig.12 Collector-emitter Saturation Voltage
vs. Forward Current
PC814 Series
VCC
RL
Output
RD
Test Circuit for Frepuency Response
Ta = 25˚C
IC = 0.5mA
Please refer to the chapter “ Precautions for Use ”
q



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com