Electronic Components Datasheet Search
  English  ▼

X  

SPDP03D375 Datasheet(PDF) 9 Page - Sensitron

Part # SPDP03D375
Description  DC Solid State Power Controller Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPDP03D375 Datasheet(HTML) 9 Page - Sensitron

Back Button SPDP03D375 Datasheet HTML 3Page - Sensitron SPDP03D375 Datasheet HTML 4Page - Sensitron SPDP03D375 Datasheet HTML 5Page - Sensitron SPDP03D375 Datasheet HTML 6Page - Sensitron SPDP03D375 Datasheet HTML 7Page - Sensitron SPDP03D375 Datasheet HTML 8Page - Sensitron SPDP03D375 Datasheet HTML 9Page - Sensitron SPDP03D375 Datasheet HTML 10Page - Sensitron SPDP03D375 Datasheet HTML 11Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5022, Rev A
©2007 Sensitron Semiconductor
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• www.sensitron.com • sales@sensitron.com • Page 9
SPDPXXD375 SERIES
Status Outputs
The “S1” and “S2” status outputs of the SPDPXXD375 show whether or not there is an over temperature
condition and whether or not the line voltage is present. When an unsafe temperature condition is present, the
“S2” status goes to a logic high state and the output of the SPDPXXD375 is turned off. When the temperature
drops about 15
oC to a safe condition, the “S2” status output goes back low and the output of the SPDPXXD375
is turned back on. Both “S1” and “S2” status outputs go to a high level when the line voltage drops below 5
volts.
Table 5 shows the states of the “S1” and “S2” status outputs.
Table 5 – Control and Status
.
High Voltage Considerations
The SPDPxxD375 series is designed for 375VDC systems. The SPDPxxD375 contains an Output Leakage
Sink to ensure that the output is at a safe voltage when the SPDPxxD375 is off (whether the SPDPxxD375 is
turned off or is off due to loss of 5V BIAS Power). This circuitry absorbs the leakage current from the main
switch and keeps the output voltage less than 1.5VDC over the temperature range. Figure 3 shows the Output
Leakage Sink as a simple switch. However, the Output Leakage Sink is a transistor operating as a current
source with a value of 83 mA. When the current into the output leakage sink is less than 83 mA, the transistor
saturates and the output leakage sink looks like a resistor of about 36 Ohms. 83 mA can be used to determine
how long it takes to discharge a particular load capacitance if the load is a pure capacitance. If the load is a
combination of resistance and capacitance, it’s likely that the RC time constant will discharge the capacitance
faster than the output leakage sink
.
Sufficient spacing should be allowed for on the user’s PCB between the 375VDC line supply and the 375VDC
power return and between the CONTROL and 5VDC Bias circuits and the 375VDC circuit to prevent arcing.
Due to the small size of the SPDPXXD375 series, the spacing between pins is small so conformal coating
should be used to prevent arcing, especially if transient voltages above 375VDC are possible.
Wire Size
MIL-W-5088L has a chart the shows wire size as a function of wire temperature and current. This chart is for a
single copper wire in free air. For an ambient temperature of 70
oC, the chart allows a 24-gauge wire to handle
10 Amps continuously at a wire temperature of 200
oC – a wire temperature rise of 130 oC. For a wire
temperature limited to 150
oC, the chart requires a 22-gauge wire and for a wire temperature of 105 oC, the chart
requires a 20-gauge wire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com