Electronic Components Datasheet Search
  English  ▼

X  

SSCDA100 Datasheet(PDF) 1 Page - Sensitron

Part # SSCDA100
Description  CENTER TAP/DOUBLER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SSCDA100 Datasheet(HTML) 1 Page - Sensitron

  SSCDA100 Datasheet HTML 1Page - Sensitron SSCDA100 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 249798
•
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TCHNICAL DATA
DATA SHEET 4003, REV. A
CENTER TAP/DOUBLER ASSEMBLY
(RECTIFIER)
DESCRIPTION: 1000 VOLT, 6 AMP, 5 usec CENTER TAP RECTIFIER in a DOUBLER configuration.
MAX RATINGS/ELECTRICAL CHARACTRISTICS ALL RATINGS ARE AT T
C = 25 C UNLESS OTHERWISE SPECIFIED
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE (PER LEG)
PIV
1000
Volts
MAXIMUM FORWARD VOLTAGE DROP (PER LEG)
(If = 9.0 AMPS)
Vf
1.40
Volts
MAXIMUM DC OUTPUT CURRENT (TC = 100
OC)
(PER LEG)
IO
6
Amps
PEAK SINGLE CYCLE SURGE CURRENT tp = 8.3
msec. (PER LEG)
IFSM
100
Amps
MAXIMUM REVERSE RECOVERY TIME
(If = 0.5A, Ir = 1.0A, trr = 0.25A)
trr
5
usec
MAXIMUM REVERSE CURRENT Ir @ PIV (PER LEG)
Ir
5.0
mA
MAXIMUM THERMAL RESISTANCE (PER LEG)
RθJC
4.0
°C/W
MAXIMUM OPERATING AND STORAGE
TEMPERATURE
TJ, stg
-55 to + 150
°C
SSCDA100


Similar Part No. - SSCDA100

ManufacturerPart #DatasheetDescription
logo
Sensitron
SSCDA100 SENSITRON-SSCDA100 Datasheet
60Kb / 3P
CENTER TAP/DOUBLER ASSEMBLY (RECTIFIER)
More results

Similar Description - SSCDA100

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
CT1500 EIC-CT1500 Datasheet
44Kb / 2P
CENTER TAP DIODES
CT1500R EIC-CT1500R Datasheet
40Kb / 2P
CENTER TAP DIODES
logo
Sensitron
SSCDA100 SENSITRON-SSCDA100 Datasheet
60Kb / 3P
CENTER TAP/DOUBLER ASSEMBLY (RECTIFIER)
logo
Microsemi Corporation
681 MICROSEMI-681_07 Datasheet
131Kb / 2P
Center Tap & Doubler Assemblies Standard & Fast Recovery
804 MICROSEMI-804_07 Datasheet
117Kb / 2P
Center Tap & Doubler Assemblies Ultrafast Recovery
logo
Solid States Devices, I...
RA0037A SSDI-RA0037A Datasheet
136Kb / 2P
DOUBLER/CENTER TAP RECTIFIER ASSEMBLY
RA0037A SSDI-RA0037A_15 Datasheet
136Kb / 2P
DOUBLER/CENTER TAP RECTIFIER ASSEMBLY
logo
Sangdest Microelectroni...
201CMQ_SERIES SMC-201CMQ_SERIES Datasheet
211Kb / 4P
Center tap module
201CNQ_SERIES SMC-201CNQ_SERIES Datasheet
209Kb / 4P
Center tap module
301CNQ_SERIES SMC-301CNQ_SERIES Datasheet
206Kb / 4P
Center tap module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com