Electronic Components Datasheet Search
  English  ▼

X  

BAS86 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BAS86
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAS86 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BAS86 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAS86 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.4
+0.3
-0.1
0.4±0.1
Cathode indification
FEATURES
For general purpose applications
This diode features very low turn-on voltage
and fast switching. Thes e devices are protected
MECHANICAL DATA
Case:JEDEC mini-melf,glas s cas e
Weight: Approx.0.031 grams
Symbols
Min.
UNITS
50.0
V
V
V
V
V
V
A
pF
ns
/W
0.45
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
0.60
Thermal resistance junction to ambient
Cd
0.38
Pulse test tp<300
s,
<2%
@ IF=0.1mA
@ IF=1mA
Storage temperature range
TSTG
Reverse breakdow n voltage
Symbols
VR
0.30
@ IF=10mA
@ IF=30mA
IR
BAS86
by a PN junction guard ring against exces sive
SMALL SIGNAL SCHOTTKY DIODE
VOLTAGE RANGE: 50 V
CURRENT: 0.2 A
Mini-melf
GALAXY ELECTRICAL
voltage, such as electrostatic discharges
Power dissipation
@ TA=65
UNITS
c-55 ---+ 125
Polarity: Color band denotes cathode end
ABSOLUTE RATINGS
VR
IF
IFM
IFSM
Ptot
TJ
TA
5
1)
125
V
mA
mA
50
200
1)
500
1)
A
mW
Max.
Typ.
c-55 ---+ 150
ELECTRICAL CHARACTERISTICS
Junction temperature
Ambient operating temperature range
RθJA
@ IF=100mA
Leakage current VR=40V
Diode capacitance at VR=1V,f=1MHz
Reverse recovery time @ IF=10mA,IR=10mA,IR=1mA
VF
Forw ard voltage
5.0
8
trr
5
430
1)
Value
200
1)
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
Continuous reverse voltage
Forward continuous current
@
TA=25
Peak forward current
@
TA=25
Surge forw ard current
@
tp<1s,TA=25
0.90
www.galaxycn.com
BL
Document Number 0265016
1.
BLGALAXY ELECTRICAL
Dimensions in millimeters


Similar Part No. - BAS86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS86 PHILIPS-BAS86 Datasheet
28Kb / 6P
Schottky barrier diode
1996 Oct 01
logo
Vishay Siliconix
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
231Kb / 5P
Small Signal Schottky Diode
03-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BAS86 SEMTECH_ELEC-BAS86 Datasheet
194Kb / 3P
SCHOTTKY BARRIER DIODE
logo
GOOD-ARK Electronics
BAS86 GOOD-ARK-BAS86 Datasheet
60Kb / 2P
Small-Signal Diode Schottky Diode
More results

Similar Description - BAS86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com