Electronic Components Datasheet Search
  English  ▼

X  

PC866 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC866
Description  Low Driving Current Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC866 Datasheet(HTML) 1 Page - Sharp Corporation

  PC866 Datasheet HTML 1Page - Sharp Corporation PC866 Datasheet HTML 2Page - Sharp Corporation PC866 Datasheet HTML 3Page - Sharp Corporation PC866 Datasheet HTML 4Page - Sharp Corporation PC866 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PC866 Series
Low Driving Current Type
Photocoupler
PC866 Series
s Features
s Applications
3. Isolation voltage between input and output
( Viso
4. Also available burn-in type
1. Telephone sets
2. Computer terminals
3. System appliances, measuring instruments
1. Low driving current ( single Tr. output )
( CTR : MIN. 100 % at I F = 1mA)
2. High collector-emitter voltage ( VCEO : 80V)
s Outline Dimensions
( Unit : mm )
(PC866Q / PC8D66Q/ PC8Q66Q)
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
θ
θ
θ
θ
Anode mark
PC866/PC866Q
866
2.54
International connection
diagram
PC8Q66/PC8Q66Q
PC8D66/PC8D66Q
International connection
diagram
PC8D66
1
2
3
4
1
2
3
4
1 Anode
2 Cathode
3 Emitter
4 Collector
12
34
56
78
9
International connection diagram
12
3 4
56
78
9
PC8Q66
1357 Anode
2468 Cathode
9
Emitter
Collector
θ
7.62
1 3 Anode
2 4 Cathode
5 7 Emitter
6 8 Collector
1
23
4
5
6
7
8
1
23 4
5
6
7
8
0.5 ±0.1
7.62 ±0.3
θ
: 5 000V rms )
θ= 0 to 13 ˚
7.62 ± 0.3
0.26 ± 0.1
0.5 ± 0.1
4.58 ± 0.5
1.2 ± 0.3
0.9 ± 0.2
θ = 0 to 13 ˚
0.26 ± 0.1
19.82 ± 0.5
1.2 ± 0.3
0.9 ± 0.2
2.54 ± 0.25
θ = 0 to 13 ˚
2.54 ± 0.25
0.9 ± 0.2
1.2 ± 0.3
9.66 ± 0.5
0.26 ± 0.1
0.5 ± 0.1
11
12
13
14
15
16
11
12
13
14
15
16
11
12
13
14
15
16
10
10
10


Similar Part No. - PC866

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC861 SHARP-PC861 Datasheet
89Kb / 4P
High Collector-emitter Voltage, High Density Mounting Type Photocoupler
PC865 SHARP-PC865 Datasheet
97Kb / 5P
High Sensitivity, Low Collector Dark Voltage Type Photocoupler Current, High Collector-emitter
PC865 SHARP-PC865 Datasheet
100Kb / 6P
High Sensitivity, Low Collector Dark Current, High Collector-emitter Voltage Type Photocoupler
More results

Similar Description - PC866

ManufacturerPart #DatasheetDescription
logo
NEC
PS9634 NEC-PS9634 Datasheet
123Kb / 12P
POWER TRANSISTOR DRIVING BASE AMPLIFIER BUILT-IN TYPE PHOTOCOUPLER
logo
Sharp Corporation
PC12310NSZ SHARP-PC12310NSZ Datasheet
61Kb / 5P
Low Input Current Type Long Creepage Distance Photocoupler
PC364N SHARP-PC364N Datasheet
63Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
Low Input Current Type Photocoupler
PC727 SHARP-PC727 Datasheet
36Kb / 2P
Low Input Current Drive Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
AC Input, Low Input Current Type Photocoupler
PC8171NSZ SHARP-PC8171NSZ Datasheet
63Kb / 5P
Low Input Current Type Photocoupler
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
LOW INPUT CURRENT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com