Electronic Components Datasheet Search
  English  ▼

X  

MS6332 Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6332
Description  16-Bit Stereo Audio DAC & Headphone Driver Mute and Power Down Function Component Less, Low Cost
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6332 Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6332 Datasheet HTML 1Page - MOSA ELECTRONICS MS6332 Datasheet HTML 2Page - MOSA ELECTRONICS MS6332 Datasheet HTML 3Page - MOSA ELECTRONICS MS6332 Datasheet HTML 4Page - MOSA ELECTRONICS MS6332 Datasheet HTML 5Page - MOSA ELECTRONICS MS6332 Datasheet HTML 6Page - MOSA ELECTRONICS MS6332 Datasheet HTML 7Page - MOSA ELECTRONICS MS6332 Datasheet HTML 8Page - MOSA ELECTRONICS MS6332 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MOSA
MS6332
16-Bit Stereo Audio DAC & Headphone Driver
REV 3
3/9
www.mosanalog.com
3.3V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=3.3V, VSS=0V, f=1kHz, RL=32; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
VCAP
Voltage at CAP
1.60
1.65
1.70
V
VDC
Output DC level
1.60
1.65
1.70
V
VFS
Full scale output voltage
VFS=0.023663* 24 *VDD
-
1.87
-
V
IQ
Quiescent current
-
3.6
4
mA
IPD
Power down current
No digital input signal
-
0.35
1
uA
CAP=2.2uF (100Hz)
50
55
-
dB
PSRR
Power supply rejection ratio
CAP=10uF (100Hz)
61
66
-
dB
CS
Channel separation
70
75
-
dB
ATT
Mute attenuation
62
67
-
dB
AC Characteristics
Res
Resolution
-
-
16
bits
-
-60
-56
dB
THD+N
Total harmonic distortion plus
noise
-
0.1
0.158
%
S/N
Signal-to-noise ratio
86
92
-
dB
Po
Maximum output power
(THD+N)/S < 0.1
49
52
-
mW
Vo
Maximum output voltage swing
(THD+N)/S < 0.1
2.5
2.6
-
Vpp



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com