Electronic Components Datasheet Search
  English  ▼

X  

MS6332GU Datasheet(PDF) 6 Page - MOSA ELECTRONICS

Part # MS6332GU
Description  16-Bit Stereo Audio DAC & Headphone Driver Mute and Power Down Function Component Less, Low Cost
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6332GU Datasheet(HTML) 6 Page - MOSA ELECTRONICS

  MS6332GU Datasheet HTML 1Page - MOSA ELECTRONICS MS6332GU Datasheet HTML 2Page - MOSA ELECTRONICS MS6332GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6332GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6332GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6332GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6332GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6332GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6332GU Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MOSA
MS6332
16-Bit Stereo Audio DAC & Headphone Driver
REV 3
6/9
www.mosanalog.com
POWER DOWN AND MUTE FUNCTION
Power down and mute functions are controlled by the audio input pins (WS, BCK). The initial status is in the mute on
and the power down modes. The 20 clock counts is to switch the power down mode and the 18 clock counts is to switch
the mute mode. In changing these modes, the clock BCK should not exist in WS=1, and always exists in WS=0.
Power down timing
The initial status is in the power down mode.
WS
BCK
Total 20 clocks
Power down mode
Power active mode
Mute timing
The initial status is in the mute on mode.
BCK
WS
Total 18 clocks
Mute on
Mute off
APPLICATION INFORMATION
Basic application example
10uF
47uF
47uF
Headphone
(32Ω)
V
DD
PHONE JACK
BCK
WS
DATA
GND
CAP
OUTR
OUTL
V
DD
MS6332
5
6
7
81
2
3
4
Digital audio
input
Note :
Vo=1.87Vpp at VDD =3.3V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com