Electronic Components Datasheet Search
  English  ▼

X  

MS6333TR Datasheet(PDF) 13 Page - MOSA ELECTRONICS

Part # MS6333TR
Description  16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6333TR Datasheet(HTML) 13 Page - MOSA ELECTRONICS

Back Button MS6333TR Datasheet HTML 5Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 6Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 7Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 8Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 9Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 10Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 11Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 12Page - MOSA ELECTRONICS MS6333TR Datasheet HTML 13Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MOSA
MS6333
16-Bit Stereo Audio DAC & Headphone Driver
REV 7
13/13
www.mosanalog.com
Demo Board
3
+
-
+
-
1
2
4
Function description
Label 1: Supply Voltage
Supply voltage range is 2.5V to 6.5V, both the analog and the digital are the same voltage.
Label 2: Power Down
The Power Down is enabled when the PD switch is pressed.
The Power Down is disabled when the PD switch is not pressed.
Label 3: Mute Function
The chip is mute on when the MUTE switch is pressed.
The chip is mute off when the MUTE switch is not pressed.
Label 4: Source
The source is digital audio input, the audio format is right justified. (BCK, WS, DATA)
Circuit
24k
R4
361
C8
30
C10
47uF
C12
BCK
WS
100uF
C3
DA TA
2.2uF
C5
APOWER
300k
R2
100k
R1
HPVDD
1
VoR-OUT
2
VoR-IN
3
CAP
4
/PD
5
BCK
6
WS
7
DATA
8
DGND
9
DVDD
10
AVDD
11
AVSS
12
MUTE
13
VoL-IN
14
VoL-OUT
15
HPVSS
16
U3
MS6333
L1
DPOWER
/PD
MUTE
24k
R3
361
C7
30
C9
0.1u
C1
47uF
C11
32
HP jack
32
HP jack
0.1u
C2
+
100uF
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com