Electronic Components Datasheet Search
  English  ▼

X  

MS6333GU Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6333GU
Description  16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6333GU Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6333GU Datasheet HTML 1Page - MOSA ELECTRONICS MS6333GU Datasheet HTML 2Page - MOSA ELECTRONICS MS6333GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6333GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6333GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6333GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6333GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6333GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6333GU Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MOSA
MS6333
16-Bit Stereo Audio DAC & Headphone Driver
REV 7
2/13
www.mosanalog.com
PIN CONFIGURATION
SSOP16
Symbol
Pin
Description
HP VDD
1
Headphone supply voltage
VOR-OUT
2
Right channel output
VOR-IN
3
Right channel input (-)
CAP
4
Capacitor connected
/PD
5
Power down
BCK
6
Bit clock input
WS
7
Word select input
DATA
8
Data input
DGND
9
Digital ground
DVDD
10
Digital supply voltage
AVDD
11
Analog supply voltage
AVSS
12
Analog ground
/MUTE
13
Mute function
VOL-IN
14
Left channel input (-)
VOL-OUT
15
Left channel output
HP VSS
16
Headphone ground
VOR-OUT
VOL-OUT
16
15
MS6258
BCK
1
2
3
4
5
6
7
10
11
12
13
14
DATA
MUTE
PD
AVDD
AVSS
DVDD
DGND
VOL-IN
VOR-IN
CAP
HP VSS
HP VDD
89
WS
MS6333
NOTE: /PD=0 power down; /PD=1 active
/Mute=0 mute on; /Mute=1 mute off
QFN16
NOTE: /PD=0 power down; /PD=1 active
Symbol
Pin
Description
VOR-OUT
1
Right channel output
VOR-IN
2
Right channel input (-)
CAP
3
Capacitor connected
/PD
4
Power down
BCK
5
Bit clock input
WS
6
Word select input
DATA
7
Data input
DGND
8
Digital ground
DVDD
9
Digital supply voltage
AVDD
10
Analog supply voltage
AVSS
11
Analog ground
/MUTE
12
Mute function
VOL-IN
13
Left channel input (-)
VOL-OUT
14
Left channel output
HP VSS
15
Headphone ground
HP VDD
16
Headphone supply voltage
VOR-OUT
MUTE
PD
AVDD
AVSS
DVDD
VOR-IN
CAP
MS6333
1
2
3
4
12
11
10
9
/Mute=0 mute on; /Mute=1 mute off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com