Electronic Components Datasheet Search
  English  ▼

X  

LL41 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # LL41
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

LL41 Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  LL41 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited LL41 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited LL41 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1000
120
100
80
40
20
100
10
1.0
0.1
0.01
60
140
0
C
TJ=100°
C
TJ=25°
0
0.15
1
100
0.75
0.3
0.45
0.6
10
10
ms Single Half Sine Wave
TA=25
.2
TJ=25
f=1MHz
.1
. 4
1.0
2
4
10
20
40
100
0.1
0.2
0.4
1.0
2.0
10
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0265033
3.
FIG.4--PEAK JUNCTION CAPACITANCE
FIG.2 --PEAK FORWARD SURGE CURRENT
FIG.1 --FORWARD DERATING CURVE
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
REVERSE VOLTAGE,VOLTS
FIG.3--TYPECAL REVERSE CHARACTERISTICS
LL41
AMBIENT TEMPERATURE,
RATINGSANDCHARACTERISTICCURVES
NUMBER OF CYCLES AT 60 Hz
200
125
100
75
50
25
50
100
150
0
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com