Electronic Components Datasheet Search
  English  ▼

X  

LL42 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # LL42
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

LL42 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  LL42 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited LL42 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited LL42 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3.4
+0.3
-0.1
0.4±0.1
Cathode indification
FEATURES
◇
For general purpose applications
◇
These diodes feature very low turn-on voltage
and fast switching.These devices are protected by
a PN junction guard ring against excessive voltage,
such as electrostatic discharges.
◇
These diodes are also available in the DO-35 case with
type designations BAT42 to BAT43 and in the SOD-123
case with type designations BAT42W to BAT43W
MECHANICAL DATA
◇
Case: MINI-MELF,glass case
◇
Polarity: Color band denotes cathode
◇
Weight:
0.031 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
MAXIMUM RATINGS
UNITS
Peak reverse voltage
VRRM
V
Forward continuous current
IF
m A
Surge forward current at tp=10 ms
IFSM
A
Power dissipation
Ptot
mW
Thermal resistance junction to ambient air
RθJA
℃
/W
Junction temperature
Tj
℃
Storage temperature range
TSTG
℃
VOLTAGE : 30 V
30
MINI-MELF
SMALL SIGNAL SCHOTTKY DIODES
LL42/LL43
2001)
4.01)
0.31)
2001)
B
L
GALAXY ELECTRICAL
LL42/LL43
125
1)Valid provided that electrodes are kept at ambient temperature.
-55 --- + 150
Document Number 0265013
BLGALAXY ELECTRICAL
1.
www.galaxycn.com
Dimensions in millimeters


Similar Part No. - LL42

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL42 DIODES-LL42 Datasheet
50Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS30072 Rev. A-2
logo
General Semiconductor
LL42 GE-LL42 Datasheet
43Kb / 2P
Schottky Diodes
logo
SynSemi, Inc.
LL42 SYNSEMI-LL42 Datasheet
81Kb / 1P
SCHOTTKY BARRIER DIODES
logo
GOOD-ARK Electronics
LL42 GOOD-ARK-LL42 Datasheet
61Kb / 2P
Small-Signal Diode Schottky Diodes
logo
Jinan Jingheng (Group) ...
LL42 JINANJINGHENG-LL42 Datasheet
73Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - LL42

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com