Electronic Components Datasheet Search
  English  ▼

X  

MS6337 Datasheet(PDF) 15 Page - MOSA ELECTRONICS

Part # MS6337
Description  16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6337 Datasheet(HTML) 15 Page - MOSA ELECTRONICS

Back Button MS6337 Datasheet HTML 11Page - MOSA ELECTRONICS MS6337 Datasheet HTML 12Page - MOSA ELECTRONICS MS6337 Datasheet HTML 13Page - MOSA ELECTRONICS MS6337 Datasheet HTML 14Page - MOSA ELECTRONICS MS6337 Datasheet HTML 15Page - MOSA ELECTRONICS MS6337 Datasheet HTML 16Page - MOSA ELECTRONICS MS6337 Datasheet HTML 17Page - MOSA ELECTRONICS MS6337 Datasheet HTML 18Page - MOSA ELECTRONICS MS6337 Datasheet HTML 19Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MOSA
MS6337
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier
Plus Stereo Headphone Function
REV 2
15/20
www.mosanalog.com
APPLICATION INFORMATION
Basic application example
CAP
Supply
AVDD
AVSS
BCK
WS
DATA
BTL+
LOUT/BTL-
-
+
A2
ROUT
-
+
B1
DAC
FORMAT
DAC SD
VDD
VDD
SD
SD MODE
400K
400K
400K
400K
RIN
LIN
HPIN
Mono / Stereo Mode
Switching Circuitry
Power Amplifier
Supply
PVDDL
PVDDR
PVSSL
MS6337
PVSSR
Click/Pop
Reduction
Bias
390K
DAC SD
Supply
DVDD
DGND
Decoder
0.1u
1u
DVDD
1u
AVDD
0.1u
1u
390K
0.1u
0.1u
MCU
AVDD
RF
CF
RF
CF
100u
1k
RL
8Ω
100u
1k
Headphone Jack
100k
VDD
HP_sense
100k
1u
-
+
A1
CAPDC
Note:
VDAC out=0.015775*RF*VDD(Vpp)
RF//CF to decide –3dB point
For VDD=3V, RL=32, RF =24k, CF =390pF, VDAC out =1.134Vpp
_RL=16, RF =22k, CF =470pF, VDAC out =1.04Vpp
Fig.4 Basic application circuit.
SE mode and BTL mode operation
As shown in the block diagram (Page.1), for the SE mode, the MS6337 operates as a high drive dual operational
amplifiers.
Amplifier A1 and B1 are independent amplifiers with an externally configured gain of AV = - RF/RIN. Amplifier A2 is
shutdown to a high output impedance state. That is, the mono speaker is muted.
For the BTL mode, the audio signal from the RIN pin is connected directly to the inverting input of A1. As a result, the
L-IN and R-IN audio signals, either from DAC or Line in, are summed together at the input of A1. A2 is then activated
with a closed-loop gain of AV = -1 fixed by two internal resistors. The outputs of A1 and A2 are then used to drive the
mono bridged-tied load.
Also in the BTL mode, the amplifier B1 functions as an unit gain buffer. The output voltage of B1 will follow Vcap,
in which no current goes through the feedback resistor RF of B1. This will insure that as HPIN goes low there is no
transient of Rout for the BTL mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com