Electronic Components Datasheet Search
  English  ▼

X  

MS6336 Datasheet(PDF) 7 Page - MOSA ELECTRONICS

Part # MS6336
Description  16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6336 Datasheet(HTML) 7 Page - MOSA ELECTRONICS

Back Button MS6336 Datasheet HTML 3Page - MOSA ELECTRONICS MS6336 Datasheet HTML 4Page - MOSA ELECTRONICS MS6336 Datasheet HTML 5Page - MOSA ELECTRONICS MS6336 Datasheet HTML 6Page - MOSA ELECTRONICS MS6336 Datasheet HTML 7Page - MOSA ELECTRONICS MS6336 Datasheet HTML 8Page - MOSA ELECTRONICS MS6336 Datasheet HTML 9Page - MOSA ELECTRONICS MS6336 Datasheet HTML 10Page - MOSA ELECTRONICS MS6336 Datasheet HTML 11Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
MOSA
MS6336
16-bit Audio DAC integrated Dual 1.6W Power Amplifiers
REV 4
7/21
www.mosanalog.com
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
THD+N vs. frequency
THD+N vs. frequency
THD+N vs. frequency
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
Channel separation vs. supply voltage
Channel separation vs. supply voltage
Quiescent current vs. supply voltage
FREQUENCY (Hz)
FREQUENCY (Hz)
SUPPLY VOLTAGE (V)
PSRR vs. frequency
PSRR vs. frequency
Quiescent current vs. supply voltage
VDD=2.4V, VFS
SE, 32ohm
VDD=5V, VFS
SE, 32ohm
VDD=3.3V, VFS
SE, 32ohm
VFS ,f=1kHz
BTL, 8ohm
VFS ,f=1kHz
SE, 32ohm
SE
BTL
All Devices activate.
VDD=5V
BTL, 8ohm
VDD=5V
SE, 32ohm
CAP=10u
CAP=1uF
CAP=1uF
CAP=10u
SE
BTL
LPD or RPD
DAC activates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com