Electronic Components Datasheet Search
  English  ▼

X  

PC900VQ Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC900VQ
Description  Digital Output Type OPIC Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC900VQ Datasheet(HTML) 1 Page - Sharp Corporation

  PC900VQ Datasheet HTML 1Page - Sharp Corporation PC900VQ Datasheet HTML 2Page - Sharp Corporation PC900VQ Datasheet HTML 3Page - Sharp Corporation PC900VQ Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
*1 Pulse width<=100
µs, Duty ratio : 0.001
*3 For 10 seconds
PC900V/PC900VQ
s Features
s Applications
output
3. TTL and LSTTL compatible output
5. High isolation voltage between input and
output ( Viso
1. Isolation between logic circuits
2. Logic level shifters
3. Line receivers
4. Replacements for relays and pulse trans-
formers
5. Noise reduction
PC900V/PC900VQ
Parameter
Symbol
Rating
Unit
( Ta = 25˚C)
s Absolute Maximum Ratings
Internal connection
diagram
PC900V
mark
θ
Anode
Amp
Voltage regulator
θ
± 0.5
s Outline Dimensions
( Unit : mm)
Input
Forward current
IF
50
mA
*1Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
70
mW
Output
Supply voltage
V CC
16
V
High level output voltage
V OH
16
V
Low level output current
IOL
50
mA
Power dissipation
P O
150
mW
Total power dissipation
P tot
170
mW
*2Isolation voltage
V iso
Operating temperature
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 40 to + 125
˚C
*3Soldering temperature
T sol
260
˚C
1. High reliability type (PC900VQ)
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
6. Recognized by UL, file No. E64380
4. Operating supply voltage VCC : 3 to 15V
12
3
4
5
6
1 Anode
2 Cathode
3 NC
5 GND
123
4
5
6
Digital Output Type OPIC
Photocoupler
2. Normal OFF operation, open collector
5 000
*2 40 to 60% RH, AC for 1 minute
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “ OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
g Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC900VI/PC900VP )
: 5 000V rms )
V rms
gg TUV ( DIN-VDE0884 ) approved type is also available as an option.
θ = 0 to 13 ˚
2.54 ± 0.25
0.9 ± 0.2
1.2 ± 0.3
7.62 ± 0.3
0.26 ± 0.1
2.54 ± 0.25
0.5 ± 0.1
7.12 0.5
4 V O
6 VCC
..


Similar Part No. - PC900VQ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC900V SHARP-PC900V Datasheet
732Kb / 16P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V0NIPX SHARP-PC900V0NIPX Datasheet
264Kb / 16P
Digital Output, Normal OFF Operation DIP 6 pin ?뾑PIC Photocoupler
PC900V0NIZX SHARP-PC900V0NIZX Datasheet
264Kb / 16P
Digital Output, Normal OFF Operation DIP 6 pin ?뾑PIC Photocoupler
PC900V0NSZX SHARP-PC900V0NSZX Datasheet
752Kb / 15P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC900V0NSZX SHARP-PC900V0NSZX Datasheet
264Kb / 16P
Digital Output, Normal OFF Operation DIP 6 pin ?뾑PIC Photocoupler
More results

Similar Description - PC900VQ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC400 SHARP-PC400 Datasheet
50Kb / 4P
Compact, Surface Mount Type OPIC Photocoupler
PC901V SHARP-PC901V Datasheet
62Kb / 5P
Digital Output Type OPIC Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
AC Input Type OPIC Photocoupler
PC915 SHARP-PC915 Datasheet
104Kb / 7P
Wide Band Linear Output Type OPIC Photocoupler
PC930 SHARP-PC930 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
GP1A06 SHARP-GP1A06 Datasheet
147Kb / 5P
2 PHASE DIGITAL OUTPUT TYPE OPIC PHOTOINTERRUPTER
PC935 SHARP-PC935 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
PC942 SHARP-PC942 Datasheet
96Kb / 8P
High Power Output Type OPIC Photocoupler
PC901V0NSZX SHARP-PC901V0NSZX Datasheet
71Kb / 6P
Digital Output Type OPIC Photocoupler
PC923X SHARP-PC923X Datasheet
46Kb / 3P
OPIC Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com