Electronic Components Datasheet Search
  English  ▼

X  

PC910X Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC910X
Description  Ultra-high Speed Response OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC910X Datasheet(HTML) 1 Page - Sharp Corporation

  PC910X Datasheet HTML 1Page - Sharp Corporation PC910X Datasheet HTML 2Page - Sharp Corporation PC910X Datasheet HTML 3Page - Sharp Corporation PC910X Datasheet HTML 4Page - Sharp Corporation PC910X Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PC910X
PC910X
s Features
(Unit : mm )
s Applications
(Ta = 25˚C )
s Outline Dimensions
1. Ultra-high speed response
( tPHL , t PLH : TYP. 50ns at RL = 350
Ω)
2. Isolation voltage between input and output
3. Low input current drive( IFHL : MAX. 5mA )
4. Instantaneous common mode rejection
5. TTL and LSTTL compatible output
6. Recognized by UL, file No. E64380
1. High speed interfaces for computer periph-
erals and microcomputer systems
2. High speed line receivers
3. Noise-cut
4. Interfaces with various data transmission
equipment
*1 Ta = 0 to 70˚C
*2 For 1 minute max.
*3 Shall not exceed 500mV from supply voltage( VCC).
f the electrode pins on the
*5 For 10 seconds at the position of 2mm or more from lead pins.
input side and the whole of the electrode pins on the output side.
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Input
IF
20
mA
Reverse voltage
V R
5V
Power dissipation
P
40
mW
Output
V CC
7V
V E
5.5
V
High level output voltage
V OH
7V
Low level output current
IOL
50
mA
Collector power dissipation
P C
85
mW
Operating temperature
Storage temperature
V iso
T opr
0 to + 70
˚C
T stg
- 55 to + 125
˚C
T sol
260
˚C
θ
Internal connection
diagram
12
3
4
5
6
7
8
1234
5
6
7
8
PC910
1 NC
2 Anode
3 Cathode
4 NC
5 GND
*1 Forward current
*2 Supply voltage
*3 Enable voltage
*4 Isolation voltage
*5 Soldering temperature
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
Ultra-high Speed Response
OPIC Photocoupler
voltage ( CM H : TYP. 500V/
µ s )
Primary
side
mark
(Sunken
place )
2 500
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
( Viso : 2 500V rms )
V rms
*4 AC for 1minute, 40 to 60% RH. Apply the specified voltage between the whole o
6 V O
7 V E
8 VCC
θ : 0 to 13 ˚
0.8 ± 0.2
2.54 ± 0.25
1.2 ± 0.3
0.85 ± 0.3
9.22 ± 0.5
7.62 ± 0.3
0.26 ± 0.1
0.5 ± 0.1


Similar Part No. - PC910X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC91070100A ETC2-PC91070100A Datasheet
484Kb / 8P
915Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector with foam attachment for assembly
logo
Taoglas antenna solutio...
PC91070100A TAOGLAS-PC91070100A Datasheet
905Kb / 11P
Thestripe 915Mhz PCB Antenna
logo
Sharp Corporation
PC910L0NSZ SHARP-PC910L0NSZ Datasheet
220Kb / 13P
High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC910L0YIP0F SHARP-PC910L0YIP0F Datasheet
242Kb / 14P
High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
More results

Similar Description - PC910X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
Super High Speed Response OPIC Photocoupler
6N138 SHARP-6N138 Datasheet
67Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
PC410 SHARP-PC410 Datasheet
50Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC417 SHARP-PC417 Datasheet
58Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC911 SHARP-PC911 Datasheet
65Kb / 5P
Ultra-high Speed Response and High CMR OPIC Photocoupler
PC912X SHARP-PC912X Datasheet
62Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC917X SHARP-PC917X Datasheet
59Kb / 4P
High Speed, High CMR OPIC Photocoupler
PC9D10 SHARP-PC9D10 Datasheet
56Kb / 4P
Ultra-high Speed Response, 2-channel OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
High Speed Response, High CMR OPIC Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com