Electronic Components Datasheet Search
  English  ▼

X  

MS6714 Datasheet(PDF) 18 Page - MOSA ELECTRONICS

Part # MS6714
Description  4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6714 Datasheet(HTML) 18 Page - MOSA ELECTRONICS

Back Button MS6714 Datasheet HTML 10Page - MOSA ELECTRONICS MS6714 Datasheet HTML 11Page - MOSA ELECTRONICS MS6714 Datasheet HTML 12Page - MOSA ELECTRONICS MS6714 Datasheet HTML 13Page - MOSA ELECTRONICS MS6714 Datasheet HTML 14Page - MOSA ELECTRONICS MS6714 Datasheet HTML 15Page - MOSA ELECTRONICS MS6714 Datasheet HTML 16Page - MOSA ELECTRONICS MS6714 Datasheet HTML 17Page - MOSA ELECTRONICS MS6714 Datasheet HTML 18Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
MOSA
MS6714
4 Stereo Inputs / 1 Stereo Output Audio Processor
REV 3
18/18
www.mosanalog.com
Circuit
Y1
12M
RST
1
P3.0
2
P3.1
3
XTAL2
4
XTAL1
5
P3.2
6
P3.3
7
P3.4
8
P3.5
9
GND
10
Vcc
20
P1.7
19
P1.6
18
P1.5
17
P1.4
16
P1.3
15
P1.2
14
P1.1
13
P1.0
12
P3.7
11
U1
AT89X51
1
2
J1
DVCC
R4
10K
S1
RST
IR_IN
+ C3
10u
C6
20P
C7
20P
DVCC(3V)
VS
3
IR
1
GND
2
J2
IR
R3
10K
+ C5
470p
+
C2
47u
IR_IN
R1
220
SDA
SCL
VDD
1
AGND
2
TREB_L
3
TREB_R
4
RIN
5
ROUT
6
LOUD_R
7
RIN4
8
RIN3
9
RIN2
10
RIN1
11
LOUD_L
12
LIN4
13
LIN3
14
LIN2
15
LIN1
16
LIN
17
LOUT
18
BIN_L
19
BOUT_L
20
BIN_R
21
BOUT_R
22
OUT_R
23
OUT_L
24
DGND
25
SDA
26
SCL
27
REF
28
U2
MS6714
J5 AVDD(6V)
C13
10u
C14
10u
C15
10u
C16
10u
C17
10u
C18
10u
C27
22u
C19
2.2u
C8
10u
C11
10u
C25
10u
C24
10u
C26
2.2u
R5
5.6K
R6
5.6K
+
C23
0.1u
+
C22
0.1u
+
C21
0.1u
+
C20
0.1u
+
C31
0.1u
+
C30
0.1u
+
C29
2.7n
+
C28
2.7n
+
C9
0.1u
SDA
SCL
AVDD
W1
Jumper
J6
FRONT_OUT
J11
IN1
J8
IN4
J9
IN3
J10
IN2
J7
INPUT
J4
OUT
1
2
3
J3
LCD
RX
TX
RX
TX
+
C4
0.1u
+ C1
10u
+
C12
10u
R2
1K
D1
Power
R22
10K
R21
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com